Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3607 Datasheet (PDF) - Analog Devices

ADP3607 Datasheet PDF - Analog Devices
Part # ADP3607
Download  ADP3607 Download
File Size   146.71 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 50 mA Switched Capacitor Voltage Boost with Regulated Output

ADP3607 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADP3607 Datasheet PDF - Analog Devices

Part # ADP3607
Download  ADP3607 Click to download

File Size   146.71 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 50 mA Switched Capacitor Voltage Boost with Regulated Output

ADP3607 Datasheet (HTML) - Analog Devices


ADP3607 Product details

GENERAL DESCRIPTION
The ADP3607 is a 50 mA regulated output switched capacitor voltage doubler. It provides a regulated output voltage with minimum voltage loss and requires a minimum number of external components. In addition, the ADP3607 does not require the use of an inductor.
The internal oscillator of the ADP3607 runs at 500 kHz nominal frequency, which produces an output switching frequency of 250 kHz. This allows for the use of smaller charge pump and filter capacitors.
The ADP3607 provides an accuracy of ±5% with a typical shutdown current of 150 µA. It can also operate from a single positive input voltage as low as 3 V. The ADP3607 is offered with the regulation fixed at 5 V, or adjustable via external resistors over a 3 V to 9 V range.

FEATURES
   Fully Regulated Output Voltage (5 V and Adjustable)
   Input Voltage Range From 3 V to 5 V
   50 mA Output Current
   Output Accuracy: ±5%
   High Switching Frequency: 250 kHz
   SO-8 and TSSOP-8 Packages
   –40°C to +85°C Ambient Temperature Range

APPLICATIONS
   Computer Peripherals and Add-On Cards
   Portable Instruments
   Battery Powered Devices
   Pagers and Radio Control Receivers
   Disk Drives
   Mobile Phones




Similar Part No. - ADP3607

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ADP360120W3 STMICROELECTRONICS-ADP360120W3 Datasheet
8Mb / 15P
Automotive-grade ACEPACK DRIVE power module, sixpack topology 1200 V, 2.55 m typ. SiC MOSFET gen.3 based
19-Oct-2022
logo
Analog Devices
ADP3603 AD-ADP3603_15 Datasheet
143Kb / 8P
Switched Capacitor Voltage Converter with Regulated Output
REV. 0
ADP3604 AD-ADP3604 Datasheet
143Kb / 8P
Switched Capacitor Voltage Converter with Regulated Output
REV.0
ADP3604 AD-ADP3604 Datasheet
127Kb / 8P
Switched Capacitor Voltage Converter with Regulated Output
REV. 0
ADP3604AR AD-ADP3604AR Datasheet
143Kb / 8P
Switched Capacitor Voltage Converter with Regulated Output
REV.0
More results


Similar Description - ADP3607

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2685 NSC-LM2685 Datasheet
244Kb / 9P
Dual Output Regulated Switched Capacitor Voltage Converter
LM3352 NSC-LM3352 Datasheet
516Kb / 11P
Regulated 200 mA Buck-Boost Switched Capacitor DC/DC Converter
logo
Analog Devices
ADP3604 AD-ADP3604 Datasheet
143Kb / 8P
Switched Capacitor Voltage Converter with Regulated Output
REV.0
ADP3605 AD-ADP3605 Datasheet
197Kb / 8P
120 mA Switched Capacitor Voltage Inverter with Regulated Output
REV.A
logo
Linear Technology
LTC1261 LINER-LTC1261 Datasheet
310Kb / 16P
Switched Capacitor Regulated Voltage Inverter
logo
Analog Devices
ADP3605ARZ AD-ADP3605ARZ Datasheet
233Kb / 12P
120 mA Switched Capacitor Voltage Inverter with Regulated Output
REV. B
ADP3604 AD-ADP3604_15 Datasheet
127Kb / 8P
Switched Capacitor Voltage Converter with Regulated Output
REV. 0
ADP3603 AD-ADP3603_15 Datasheet
143Kb / 8P
Switched Capacitor Voltage Converter with Regulated Output
REV. 0
ADP3605 AD-ADP3605_15 Datasheet
233Kb / 12P
120 mA Switched Capacitor Voltage Inverter with Regulated Output
REV. B
logo
Linear Technology
LTC1261 LINER-LTC1261_15 Datasheet
483Kb / 18P
Switched Capacitor Regulated Voltage Inverter
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com