Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3607 Datasheet(PDF) 8 Page - Analog Devices

Part # ADP3607
Description  50 mA Switched Capacitor Voltage Boost with Regulated Output
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3607 Datasheet(HTML) 8 Page - Analog Devices

  ADP3607 Datasheet HTML 1Page - Analog Devices ADP3607 Datasheet HTML 2Page - Analog Devices ADP3607 Datasheet HTML 3Page - Analog Devices ADP3607 Datasheet HTML 4Page - Analog Devices ADP3607 Datasheet HTML 5Page - Analog Devices ADP3607 Datasheet HTML 6Page - Analog Devices ADP3607 Datasheet HTML 7Page - Analog Devices ADP3607 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
REV. 0
ADP3607
–8–
Regulated Adjustable Output Voltage
For the adjustable version of the ADP3607, the regulated out-
put voltage is programmed by a resistor that is inserted between
the VSENSE and VOUT pins, as illustrated in Figure 19. The in-
herent limit of the output voltage of a single doubling charge
pump stage is two times the input voltage. The scaling factor of
2.00 is reduced somewhat due to losses that increase with out-
put current. To increase the scaling factor to attain a more
positive output voltage, an external pump stage can be added
with just passive components as shown in Figure 20. That single
stage increases the scaling factor to a limit of 3, although the
diode drops will limit the ability to noticeably attain that exact
3.00 scaling factor. Even further increases can be achieved
with more external pump stages. High accuracy on the adjust-
able output is achieved through the use of precision trimmed
internal resistors, which eliminates the need to trim the external
resistor or add a second resistor to form a divider. The adjust-
able output voltage is set using the following formula:
V
R
OUT
=+
95
1
.
where VOUT is in volts and R is in kΩs.
OUTPUT CURRENT – mA
3.5
0
10
50
+
VO
VIN = 3.3V
CO
4.7 F
+
CIN
4.7 F
+
CP
4.7 F
VSENSE
VIN
CP+
CP
VOUT
GND
D1
IN5819
SD
R
540
45
35
30
25
20
15
4.0
4.5
5.0
5.5
6.0
6.5
R = 47.5k
R = 24.9k
Figure 19. Regulated Adjustable Output Voltage
ADP3607
VIN
CP+
CP
SD
VSENSE
VOUT
GND
+
CP
4.7 F
CIN
4.7 F
VIN
CO
4.7 F
+
+
C1
4.7 F
D2
SD103
D1
1N5819
+
+
R1
104.5k
CO2
4.7 F
12V
D3
IN5819
Figure 20. Regulated 12 V from a 5 V Input
Regulated Dual Supply System
The circuit in Figure 21 provides regulated positive and negative
voltages for systems that require dual supplies from a single
battery or power supply.
ADP3607-5
VIN
CP+
CP
SD
VSENSE
VOUT
GND
+
CP1
10 F
10 F
CO1
10 F
+
+
+5V
ADP3605
VIN
CP+
CP
SD
VSENSE
VOUT
GND
+
CP2
10 F
CO2
10 F
+
R1
16.5k
1%
SD103
VIN = +3.3V
–2.6V
Figure 21. Regulated Dual Supply System
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
8-Lead SOIC
(SO-8)
0.1968 (5.00)
0.1890 (4.80)
8
5
4
1
0.2440 (6.20)
0.2284 (5.80)
PIN 1
0.1574 (4.00)
0.1497 (3.80)
0.0688 (1.75)
0.0532 (1.35)
SEATING
PLANE
0.0098 (0.25)
0.0040 (0.10)
0.0192 (0.49)
0.0138 (0.35)
0.0500
(1.27)
BSC
0.0098 (0.25)
0.0075 (0.19)
0.0500 (1.27)
0.0160 (0.41)
0.0196 (0.50)
0.0099 (0.25)
x 45°
8-Lead TSSOP
(RU-8)
85
4
1
0.256 (6.50)
0.246 (6.25)
0.177 (4.50)
0.169 (4.30)
PIN 1
0.0256 (0.65)
BSC
0.122 (3.10)
0.114 (2.90)
SEATING
PLANE
0.006 (0.15)
0.002 (0.05)
0.0118 (0.30)
0.0075 (0.19)
0.0433
(1.10)
MAX
0.0079 (0.20)
0.0035 (0.090)
0.028 (0.70)
0.020 (0.50)
8
0



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com