Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3607 Datasheet(PDF) 3 Page - Analog Devices

Part # ADP3607
Description  50 mA Switched Capacitor Voltage Boost with Regulated Output
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3607 Datasheet(HTML) 3 Page - Analog Devices

  ADP3607 Datasheet HTML 1Page - Analog Devices ADP3607 Datasheet HTML 2Page - Analog Devices ADP3607 Datasheet HTML 3Page - Analog Devices ADP3607 Datasheet HTML 4Page - Analog Devices ADP3607 Datasheet HTML 5Page - Analog Devices ADP3607 Datasheet HTML 6Page - Analog Devices ADP3607 Datasheet HTML 7Page - Analog Devices ADP3607 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
REV. 0
ADP3607
–3–
Table I. Other Members of ADP360x Family
1
Output
Package
Model
Current
Option
2
Comments
ADP3603AR
50 mA
SO-8
Nom. –3 V
± 3% Inverter
ADP3604AR
120 mA
SO-8
Nom. –3 V
± 3% Inverter
ADP3605AR-3 120 mA
SO-8
Nom. –3 V
± 5% Inverter
ADP3605AR
120 mA
SO-8
Adj. Output Inverter
NOTES
1See individual data sheets for detailed ordering information.
2SO = Small Outline package.
Table II. Alternative Capacitor Technologies
High
Type
Life
Freq
Temp
Size
Cost
Aluminum
Electrolytic
Capacitor
Fair
Fair
Fair
Small
Low
Multilayer
Ceramic
Capacitor
Long
Good
Poor
Fair
High
Solid
Tantalum
Capacitor
Above Avg
Avg
Avg
Avg
Avg
OS-CON
Capacitor
Above Avg
Good
Good
Good
Avg
Table III. Recommended Capacitor Manufacturers
Manufacturer
Capacitor
Capacitor Type
Sprague
672D, 673D,
674D, 678D
Aluminum Electrolytic
Sprague
675D, 173D,
199D
Tantalum
Nichicon
PF and PL
Aluminum Electrolytic
Mallory
TDC and TDL
Tantalum
TOKIN
MLCC
Multilayer Ceramic
MuRata
GRM
Multilayer Ceramic
PIN FUNCTION DESCRIPTIONS
Pin
Mnemonic
Function
1CP+
Positive Terminal for the Pump Capacitor.
2VIN
Input Voltage. Connect a low ESR bypass
capacitor between this pin and device
ground to minimize supply transients.
3CP
Negative Terminal for the Pump Capacitor.
4
SD
Logic Level Shutdown. Apply a logic Hi or
connect to VIN to shut down the device. In
Shutdown mode, the charge pump is turned
off and quiescent current is reduced. Apply
a logic low or connect to ground for normal
operation.
5VSENSE
Output Voltage Sense Line. This is used to
improve load regulation by eliminating IR
drops on the high current carrying output
traces. For normal operation, connect
VSENSE to VOUT. See Application Informa-
tion section for more detail.
6
NC
No Connection.
7
GND
Ground.
8VOUT
Regulated Output Voltage. Connect a low
ESR, 4.7
µF or larger capacitor between
this pin and device GND.
PIN CONFIGURATION
TOP VIEW
(Not to Scale)
8
7
6
5
1
2
3
4
NC = NO CONNECT
CP+
VIN
CP
VOUT
GND
NC
VSENSE
SD
ADP3607



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com