Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3607 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP3607
Description  50 mA Switched Capacitor Voltage Boost with Regulated Output
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3607 Datasheet(HTML) 1 Page - Analog Devices

  ADP3607 Datasheet HTML 1Page - Analog Devices ADP3607 Datasheet HTML 2Page - Analog Devices ADP3607 Datasheet HTML 3Page - Analog Devices ADP3607 Datasheet HTML 4Page - Analog Devices ADP3607 Datasheet HTML 5Page - Analog Devices ADP3607 Datasheet HTML 6Page - Analog Devices ADP3607 Datasheet HTML 7Page - Analog Devices ADP3607 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
ADP3607
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 1999
50 mA Switched Capacitor
Voltage Boost with Regulated Output
FUNCTIONAL BLOCK DIAGRAM
OSC
CLOCK
GEN
1.5 V
VREF
S1
CP–
GND
CP+
V
OUT
S3
FB
V
SENSE
S2
S4
SD
V
IN
+
VOUT
5.0V
VIN
3.3V
*CO
4.7 F
+
*CIN
4.7 F
+
ADP3607-5
*CP
4.7 F
OFF
ON
0
VSENSE
VIN
CP+
CP–
SD
VOUT
*FOR BEST PERFORMANCE, 10 F IS RECOMMENDED
CP : SPRAGUE, 293D475X0010B2W
CIN, CO: TOKIN, 1E475ZY5UC205F
GND
D1
SD103
Figure 1. Typical Application Circuit
FEATURES
Fully Regulated Output Voltage (5 V and Adjustable)
Input Voltage Range From 3 V to 5 V
50 mA Output Current
Output Accuracy:
5%
High Switching Frequency: 250 kHz
SO-8 and TSSOP-8 Packages
–40 C to +85 C Ambient Temperature Range
APPLICATIONS
Computer Peripherals and Add-On Cards
Portable Instruments
Battery Powered Devices
Pagers and Radio Control Receivers
Disk Drives
Mobile Phones
GENERAL DESCRIPTION
The ADP3607 is a 50 mA regulated output switched capacitor
voltage doubler. It provides a regulated output voltage with
minimum voltage loss and requires a minimum number of ex-
ternal components. In addition, the ADP3607 does not require
the use of an inductor.
The internal oscillator of the ADP3607 runs at 500 kHz nomi-
nal frequency, which produces an output switching frequency of
250 kHz. This allows for the use of smaller charge pump and
filter capacitors.
The ADP3607 provides an accuracy of
±5% with a typical shut-
down current of 150
µA. It can also operate from a single posi-
tive input voltage as low as 3 V. The ADP3607 is offered with
the regulation fixed at 5 V, or adjustable via external resistors
over a 3 V to 9 V range.


Similar Part No. - ADP3607

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ADP360120W3 STMICROELECTRONICS-ADP360120W3 Datasheet
8Mb / 15P
Automotive-grade ACEPACK DRIVE power module, sixpack topology 1200 V, 2.55 m typ. SiC MOSFET gen.3 based
19-Oct-2022
logo
Analog Devices
ADP3603 AD-ADP3603_15 Datasheet
143Kb / 8P
Switched Capacitor Voltage Converter with Regulated Output
REV. 0
ADP3604 AD-ADP3604 Datasheet
143Kb / 8P
Switched Capacitor Voltage Converter with Regulated Output
REV.0
ADP3604 AD-ADP3604 Datasheet
127Kb / 8P
Switched Capacitor Voltage Converter with Regulated Output
REV. 0
ADP3604AR AD-ADP3604AR Datasheet
143Kb / 8P
Switched Capacitor Voltage Converter with Regulated Output
REV.0
More results

Similar Description - ADP3607

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2685 NSC-LM2685 Datasheet
244Kb / 9P
Dual Output Regulated Switched Capacitor Voltage Converter
LM3352 NSC-LM3352 Datasheet
516Kb / 11P
Regulated 200 mA Buck-Boost Switched Capacitor DC/DC Converter
logo
Analog Devices
ADP3604 AD-ADP3604 Datasheet
143Kb / 8P
Switched Capacitor Voltage Converter with Regulated Output
REV.0
ADP3605 AD-ADP3605 Datasheet
197Kb / 8P
120 mA Switched Capacitor Voltage Inverter with Regulated Output
REV.A
logo
Linear Technology
LTC1261 LINER-LTC1261 Datasheet
310Kb / 16P
Switched Capacitor Regulated Voltage Inverter
logo
Analog Devices
ADP3605ARZ AD-ADP3605ARZ Datasheet
233Kb / 12P
120 mA Switched Capacitor Voltage Inverter with Regulated Output
REV. B
ADP3604 AD-ADP3604_15 Datasheet
127Kb / 8P
Switched Capacitor Voltage Converter with Regulated Output
REV. 0
ADP3603 AD-ADP3603_15 Datasheet
143Kb / 8P
Switched Capacitor Voltage Converter with Regulated Output
REV. 0
ADP3605 AD-ADP3605_15 Datasheet
233Kb / 12P
120 mA Switched Capacitor Voltage Inverter with Regulated Output
REV. B
logo
Linear Technology
LTC1261 LINER-LTC1261_15 Datasheet
483Kb / 18P
Switched Capacitor Regulated Voltage Inverter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com