Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3607 Datasheet(PDF) 4 Page - Analog Devices

Part # ADP3607
Description  50 mA Switched Capacitor Voltage Boost with Regulated Output
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3607 Datasheet(HTML) 4 Page - Analog Devices

  ADP3607 Datasheet HTML 1Page - Analog Devices ADP3607 Datasheet HTML 2Page - Analog Devices ADP3607 Datasheet HTML 3Page - Analog Devices ADP3607 Datasheet HTML 4Page - Analog Devices ADP3607 Datasheet HTML 5Page - Analog Devices ADP3607 Datasheet HTML 6Page - Analog Devices ADP3607 Datasheet HTML 7Page - Analog Devices ADP3607 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
REV. 0
ADP3607
–4–
SUPPLY VOLTAGE – Volts
265
260
250
3.0
3.5
4.0
4.5
5.0
255
270
Figure 2. Oscillator Frequency vs. Supply Voltage
TEMPERATURE – C
4.95
–40
–15
85
10
35
60
5.03
5.01
4.99
4.97
5.05
IL = 50mA
IL = 25mA
IL = 10mA
Figure 3. Output Voltage vs. Temperature
OUTPUT CURRENT – mA
0
10
15
100
75
50
25
125
20
25
30
35
40
45
50
Figure 4. Average Input Current vs. Output Current
4.00
3.75
3.00
–40
–15
10
35
60
85
TEMPERATURE – C
VIN = +5.0V
3.50
3.25
VIN = +4.0V
VIN = +3.0V
VIN = +3.3V
Figure 5. Supply Current vs. Temperature in Normal Mode
TEMPERATURE – C
200
–40
–15
85
10
35
60
280
260
240
220
300
Figure 6. Oscillator Frequency vs. Temperature
LOAD CURRENT – mA
0
200
100
150
175
4.70
5.05
4.75
4.80
4.85
4.90
4.95
5.00
125
75
50
25
VIN = +5.0V
VIN = +3.3V
VIN = +3.0V
VIN = +4.0V
Figure 7. Output Voltage vs. Load Current
–Typical Performance Characteristics



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com