Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3607 Datasheet(PDF) 7 Page - Analog Devices

Part # ADP3607
Description  50 mA Switched Capacitor Voltage Boost with Regulated Output
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3607 Datasheet(HTML) 7 Page - Analog Devices

  ADP3607 Datasheet HTML 1Page - Analog Devices ADP3607 Datasheet HTML 2Page - Analog Devices ADP3607 Datasheet HTML 3Page - Analog Devices ADP3607 Datasheet HTML 4Page - Analog Devices ADP3607 Datasheet HTML 5Page - Analog Devices ADP3607 Datasheet HTML 6Page - Analog Devices ADP3607 Datasheet HTML 7Page - Analog Devices ADP3607 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
REV. 0
ADP3607
–7–
the output capacitor, CO, during one-half of the charge-pump
cycle, peak-to-peak output ripple voltage is calculated by using
the following formula.
V
I
FC
I
ESR
RIPPLE
L
PUMP
O
LCO
=
××
+× ×
2
2
where
IL = Load Current
FPUMP = 250 kHz nominal switching frequency
CO = 10
µF with an ESR of 0.15 Ω
V
mA
kHz
F
mA
RIPPLE
=
××
+×
×
50
2 250
10
250
0 15
µ
.
= 25 mV
Multiple smaller capacitors can be connected in parallel to yield
lower ESR and potential cost savings. For lighter loads, propor-
tionally smaller capacitors are required. To reduce high frequency
noise, bypass the output with a 0.1
µF ceramic capacitor in parallel
with the output capacitor.
Pump Capacitor
The ADP3607 alternately charges CP to the input voltage when
CP is switched in parallel with the input supply, and then trans-
fers charge to CO when CP is switched in parallel with CO. Dur-
ing the time CP is charging, the peak current is approximately
two times the output current. During the time CP is delivering
charge to CO, the supply current drops down to about 3 mA.
A low ESR capacitor has much greater impact on performance
for CP than CO since current through CP is twice the CO cur-
rent. Therefore, the voltage drop due to CP is about four times
the ESR of CP times the load current. While the ESR of CO
affects the output ripple voltage, the voltage drop generated by
the ESR of CP, combined with the voltage drop due to the out-
put source resistance, determines the maximum available VOUT.
Improved Load Regulation
In most applications, IR drops due to printed circuit board
traces are not critical. VSENSE should be connected to the output
at a convenient pcb location close to the load. However, if a
reduction in IR drops, or improvement in load regulation is
desired, the sense line can be used to monitor the output voltage
at the load. To avoid excessive noise pickup, keep the VSENSE
line as short as possible and away from any noisy line.
Shutdown Mode
The ADP3607’s output can be disabled by pulling the SD Pin
to a TTL /CMOS logic high level which will stop the internal
oscillator. Applying a logic low will turn ON the oscillator. If
the shutdown feature is not used, the SD pin should be tied to
ground. The shutdown mode current is dominated by the resis-
tor divider connected to the VSENSE pin. This current can be
calculated using one of the following formulas.
5 V fixed output version:
I
VV
k
SENSE SD
IN
()
(
–.
)
.
=
03
23 75
Ω
Adjustable output version:
I
VV
kR
SENSE SD
IN
EXT
()
(
–.
)
(.
)
=
+
03
95
Ω
where R
EXT is in k
Ω.
Because of the external Schottky diode between VIN and VOUT,
the output voltage will be held to a diode drop below VIN when
the ADP3607 is in shutdown mode.
Power Dissipation
The power dissipation of the ADP3607 circuit must be limited
such that the junction temperature of the device does not exceed
the maximum junction temperature rating. Total power dissipa-
tion is calculated as follows:
P = (2 VIN – VOUT) IOUT + (VIN) IS
Where IOUT and IS are output current and supply current, VIN
and VOUT are input and output voltages respectively.
For example: assuming worst case conditions, VIN = 5 V,
VOUT = 5 V, IOUT = 50 mA and IS = 6 mA. Calculated device
power dissipation is:
P
≈ (2 × 5 V – 5 V)(0.05 A) + (5 V)(0.006 A) = 280 mW
This is far below the 660 mW power dissipation capability of the
ADP3607.
General Board Layout Guidelines
Since the ADP3607’s internal switches turn on and off very
quickly, good PC board layout practices are critical to ensure
optimal operation of the device. Improper layouts will result in
poor load regulation, especially with heavy loads. Following
these simple layout guidelines will improve output performance.
1. Use adequate ground and power traces or planes.
2. Use single point ground for device ground and input and
output capacitor grounds.
3. Keep external components as close to the device as possible.
4. Use short traces from the input and output capacitors
to the input and output pins respectively.
Maximum Output Voltage
Maximum unregulated output voltage can be obtained by con-
necting the VSENSE pin to ground instead of to the VOUT pin (see
Figure 18). Under this condition, the magnitude of the unregu-
lated output voltage depends on the load current. VOUT is
inversely proportional to the load current.
OUTPUT CURRENT – mA
5.5
0
10
50
540
45
35
30
25
20
15
5.7
5.9
6.1
6.3
6.5
6.7
6.9
7.1
7.3
VIN = 3.6V
VIN = 3.3V
+
VO
VIN
CO
4.7 F
+
CIN
4.7 F
+
CP
4.7 F
VSENSE
VIN
CP+
CP–
VOUT
GND
D1
IN5819
SD
Figure 18. Maximum Unregulated Output Voltage



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com