Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3607 Datasheet(PDF) 2 Page - Analog Devices

Part # ADP3607
Description  50 mA Switched Capacitor Voltage Boost with Regulated Output
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3607 Datasheet(HTML) 2 Page - Analog Devices

  ADP3607 Datasheet HTML 1Page - Analog Devices ADP3607 Datasheet HTML 2Page - Analog Devices ADP3607 Datasheet HTML 3Page - Analog Devices ADP3607 Datasheet HTML 4Page - Analog Devices ADP3607 Datasheet HTML 5Page - Analog Devices ADP3607 Datasheet HTML 6Page - Analog Devices ADP3607 Datasheet HTML 7Page - Analog Devices ADP3607 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
REV. 0
–2–
ADP3607–SPECIFICATIONS1, 2, 3
Parameter
Symbol
Condition
Min
Typ
Max
Units
OPERATING SUPPLY RANGE
VS
3.0
3.3
5
V
SUPPLY CURRENT
IS
–40
°C < T
A < +85
°C
3.5
6
mA
Shutdown Mode
VSD = VIN, –40°C < TA < +85°C
150
200
µA
OUTPUT VOLTAGE4
VO
IO = 25 mA
4.85
5
5.15
V
VO
IO = 10 mA to 50 mA
4.75
5
5.25
V
–40
°C ≤ T
A ≤ +85°C
3.0 V
≤ V
S
≤ 3.6 V
LOAD REGULATION
∆V
O/IO
IO = 10 mA–25 mA
0.3
mV/mA
IO = 10 mA–50 mA
0.25
mV/mA
OUTPUT RESISTANCE (Open Loop)
RO
11
OUTPUT RIPPLE VOLTAGE
VRIPPLE
CIN = CO = 4.7
µF
ILOAD = 25 mA
16
mV
ILOAD = 50 mA
31
mV
SWITCHING FREQUENCY
fS
VIN = 3.3 V
–40
°C < T
A < +85
°C
212
250
288
kHz
SHUTDOWN
Logic Input High
VIH
2.4
V
Input Current
IIH
1
µA
Logic Input Low
VIL
0.4
V
Input Current
IIL
1
µA
NOTES
1Capacitors C
IN, CO and CP in the test circuit are 4.7 µF with 0.1 Ω ESR. Capacitors with higher ESR may reduce output voltage and efficiency.
2See Figure 1 conditions.
3All limits at temperature extremes are guaranteed via correlation using standard Statistical Quality Control (SQC) methods.
4For the adjustable version, a 1% resistor should be used to maintain output voltage tolerance. For both device types, tolerances can be improved by >1% using larger
value and lower ESR capacitors for CO and CP.
Specifications subject to change without notice.
(VIN = 3.3 V @ TA = +25 C, CP = CO = 4.7 F unless otherwise noted.)
ABSOLUTE MAXIMUM RATINGS
1
(TA = +25°C unless otherwise noted)
Input Voltage (VIN to GND) . . . . . . . . . . . . . . . . . . . . +7.5 V
Output Voltage (VOUT to GND) . . . . . . . . . . . . . . . . . . +12 V
Output Short Circuit Protection . . . . . . . . . . . . . . . . . . . 1 sec
θ
JA, SO-8 Package
2
. . . . . . . . . . . . . . . . . . . . . . . . . 150
°C/W
θ
JA, TSSOP-8 Package
2
. . . . . . . . . . . . . . . . . . . . . . 208
°C/W
Operating Temperature Range . . . . . . . . . . . –40
°C to +85°C
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature Range (Soldering 10 sec) . . . . . . . . +300
°C
Vapor Phase (60 sec) . . . . . . . . . . . . . . . . . . . . . . . . +215
°C
Infrared (15 sec) . . . . . . . . . . . . . . . . . . . . . . . . . . . +220
°C
NOTES
1This is a stress rating only, operation beyond these limits can cause the device to be
permanently damaged.
2
θ
JA is specified for worst case conditions with device soldered on a circuit board.
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the ADP3607 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
ORDERING GUIDE
Model
Output Voltage
Package Option*
ADP3607AR-5
5 V, 50 mA
SO-8
ADP3607AR
Adjustable, 50 mA
SO-8
ADP3607ARU-5
5 V, 50 mA
RU-8
ADP3607ARU
Adjustable, 50 mA
RU-8
*SO = Small Outline Package; RU = Thin Small Outline Package.
Contact the factory for the availability of other output voltage options.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com