Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3802 Datasheet(PDF) 6 Page - Analog Devices

Part # ADP3802
Description  High Frequency Switch Mode Dual Li-Ion Battery Chargers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3802 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADP3802 Datasheet HTML 2Page - Analog Devices ADP3802 Datasheet HTML 3Page - Analog Devices ADP3802 Datasheet HTML 4Page - Analog Devices ADP3802 Datasheet HTML 5Page - Analog Devices ADP3802 Datasheet HTML 6Page - Analog Devices ADP3802 Datasheet HTML 7Page - Analog Devices ADP3802 Datasheet HTML 8Page - Analog Devices ADP3802 Datasheet HTML 9Page - Analog Devices ADP3802 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
ADP3801/ADP3802
–6–
REV. 0
LOAD CURRENT – mA
01
2
3
4
6
7
58
TA = +25 C
0.1
910
0.2
0.3
0.4
Figure 11. LDO Dropout Voltage vs.
Load Current
VCOMP – Volts
0
0.5
2.0
2.5
3.0
0
20
40
60
80
3.5
VCC = 10V
TA = +25 C
1.5
1.0
100
Figure 14. Duty Cycle vs. COMP Pin
Voltage
TEMPERATURE – C
–40
–20
40
60
80
3.6
3.7
100
VCC = 10V
20
0
3.8
3.5
3.9
Figure 17. DRV Output Low Voltage
with VCC = 10 V vs. Temperature
FREQUENCY – Hz
–100
1.0E+01
–80
–60
–40
–20
0
1.0E+02 1.0E+03 1.0E+04 1.0E+05 1.0E+06
VCC = 10V
TA = +25 C
CLDO = 1 F
Figure 12. LDO PSRR vs. Frequency
1
TIME – ns
2.00V
12
8
6
4
2
0
9.40V
CH1
M 250ns
VCC = 10V
CL = 1nF
TA = +25 C
250ns/DIV
CH1
10
Figure 15. DRV Rise and Fall Times
SUPPLY VOLTAGE – Volts
48
16
4.0
4.5
20
TA = +85 C
12
5.0
3.5
5.5
TA = +25 C
TA = –40 C
NOT SWITCHING
SD = ON
Figure 18. Power Supply Current vs.
Supply Voltage @ Three Temperatures
TEMPERATURE – C
–40
–20
0
20
40
80
100
60
VCC = 10V
ADP3801
175
185
195
215
205
Figure 13. Oscillator Frequency vs.
Temperature
–40
–20
40
60
80
0
0.2
100
VCC = 10V
20
0
0.4
0.3
TEMPERATURE – C
Figure 16. DRV High Saturation Volt-
age vs. Temperature
CAPACITIVE LOAD – nF
0
0.5
1.5
9
11
2.0
1.0
13
7
15
5
2.5
ADP3801
ADP3802
VCC = 10V
TA = +25 C
50% DUTY CYCLE
Figure 19. Power Supply Current vs.
Capacitive Load on DRV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com