Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3802 Datasheet(PDF) 13 Page - Analog Devices

Part # ADP3802
Description  High Frequency Switch Mode Dual Li-Ion Battery Chargers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3802 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADP3802 Datasheet HTML 9Page - Analog Devices ADP3802 Datasheet HTML 10Page - Analog Devices ADP3802 Datasheet HTML 11Page - Analog Devices ADP3802 Datasheet HTML 12Page - Analog Devices ADP3802 Datasheet HTML 13Page - Analog Devices ADP3802 Datasheet HTML 14Page - Analog Devices ADP3802 Datasheet HTML 15Page - Analog Devices ADP3802 Datasheet HTML 16Page - Analog Devices ADP3802 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
ADP3801/ADP3802
–13–
REV. 0
Current Sense
The maximum charging current is specified by the battery
manufacturer as 4.0 A. To avoid losing excessive power on the
current-sense resistor, it is advisable to keep the voltage drop
across the resistor at maximum current to 160 mV or below.
Thus, RCS = 0.16 V/4 A = 40 mΩ. The resistor’s maximum
power rating can be calculated using the data sheet specification
for the Overcurrent Comparator. The overcurrent protection is
specified at 4.9 A when using a 40 m
Ω resistor; therefore, the
resistor has to be rated at PR = (4.9)
2
× 0.04 = 0.96 W. Thus a
1.0 W or higher power rated resistor should be used. Two
2.2 nF capacitors are connected from the CS+ and CS– inputs
to ground to filter out high frequency switching noise.
ISET Programming Voltage
This voltage programs the charge current based on the above
calculated RCS. Using the data sheet specification for the current
programming at the ISET input of 0.1 V/V, we need:
V
RI
VV
A
VV
V
ISET
CS
CHARGE
=
×
=
×
=
01
004
4 0
01
16
./
..
./
.
Ω
The 1.6 V can be obtained from the 3.3 V LDO by a resistor
divider of 20 k
Ω and 22 kΩ.
PROG Voltage
Next, the PROG voltage has to be determined to set the proper
final battery voltage. From the data sheet, VPROG for two Li-Ion
batteries in series (12.6 V) is between 2.05 V and 2.3 V. A 2.2 V
input can be obtained from the 3.3 V LDO by a resistor divider
of 66.5 k
Ω and 33.2 kΩ.
ADJ Voltage
Since no further adjustment of the final battery voltage is re-
quired, this pin is tied to the VL pin, which disables the internal
amplifier.
Output Voltage and Duty Cycle
A Buck type of converter’s output voltage VO can be calculated
as follows:
V
VD
V
T
T
O
IN
IN
ON
=
×
=
×
×
100
100
In the above equation,
D is the maximum duty cycle of the
converter in percentage, and
TON and T are the ON time and
total period respectively. Setting VINMIN = 15 V provides margin
for external voltage drops and the common-mode input range of
the current sense amplifier.
For
VIN = 11 V: DMAX = VO × 100 / VIN = 12.6 × 100 / 15 = 84%
For
VIN = 20 V: DMAX = VO × 100 / VIN = 12.6 × 100 / 20 = 63%
Buck Inductor
The inductor value can be calculated after determining the
allowable amount of inductor ripple current. For continuous
buck operation, and considering low cost inductor core materi-
als and acceptable core losses at 200 kHz, the usual peak-to-
peak inductor ripple current (IRPP) used is 20%-40% of the
maximum dc current. Using 25% of 4.0 ADC gives IRPP = 1.0 APP.
The maximum off-time of the Buck switch (TOFFMAX) occurs at
the maximum input voltage of 20 V:
T
D
f
kHz
s
OFFMAX
MAX
OSC
=
−
×
=
−
×
=
100
100
100
63
200
100
19
.
µ
This gives an inductor value of:
L
VT
I
Vs
A
H
OMAX
OFFMAX
RPP
>
×
=
×
=
12 6
1 9
10
24
..
.
µ
µ
The max inductor peak current is calculated as follows:
ILPEAK = IDC + IRPP /2 = 4.0 + 1.0/2 = 4.5 APEAK
The max inductor rms current is calculated (where 0.577 is the
conversion factor for a peak to RMS value):
I
VT
L
s
H
A
LRMS
O
OFF
=
××
×
=
××
×
=
0 577
0 5
0 577
0 5 12 6 1 9
24
03
..
..
.
.
.
µ
µ
An appropriate inductor is the Coiltronix UP4B330, which is
specified at 33
µH and can carry the 4.5 A current with about a
20
°C temperature rise. For the ADP3802, the above formulas
give:
TOFFMAX = 0.74 µs and L = 10 µH.
PFET Selection and Thermal Design
We have to consult the available P-channel MOSFET (PFET)
transistor selection charts for switch-mode power supply appli-
cations to find a PFET in the desired package whose Safe
Operation Area (SOA) would meet the maximum VIN and IO
requirements with acceptable margin. For this application, the
Temic Si4463 was selected in an SO-8 package. This transistor
is specified at VDSS = –20 V, VGSMAX = 12 V, RDS(ON) = 0.013 Ω
(for VGS = 4.5 V), and IDMAX = 10 A. Its SOA covers the 20 V,
4.0 ADC, and 4.5 APEAK application requirements with adequate
margin.
Since the switching losses are negligible for properly driven
PFETs compared to conduction losses, the worst-case conduc-
tion losses can be estimated from the worst case ON resistance
(RDS(ON)) of the selected PFET when subjected to short circuit
current at the minimum input voltage and close to 100% duty
cycle. RDS(ON) increases about 50% at TJ = 150°C. Thus the
worst case value we can use is 0.023
Ω. The maximum PFET
dissipation is calculated as follows:
PDMAX = IPEAK
2
× R
DS(ON) = 4.5 A
2
× 0.023 Ω = 0.47W
Next the maximum junction temperature TJMAX of the transistor
can be calculated:
TJMAX = TA + (RθJA) × PDMAX = 50 + (50) × 0.47 = 74°C
where
TA = 50°C and RθJA = 50°C/W, as specified on the
transistor’s data sheet for a 1 inch square PCB-pad. The calcu-
lated
TJMAX should be below the maximum allowed junction
temperature of the transistor with adequate margin. The
Si4463 specifies a TJMAX of 150°C, which we meet with more
than adequate margin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com