Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3811 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP3811
Description  Secondary Side, Off-Line Battery Charger Controllers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3811 Datasheet(HTML) 1 Page - Analog Devices

  ADP3811 Datasheet HTML 1Page - Analog Devices ADP3811 Datasheet HTML 2Page - Analog Devices ADP3811 Datasheet HTML 3Page - Analog Devices ADP3811 Datasheet HTML 4Page - Analog Devices ADP3811 Datasheet HTML 5Page - Analog Devices ADP3811 Datasheet HTML 6Page - Analog Devices ADP3811 Datasheet HTML 7Page - Analog Devices ADP3811 Datasheet HTML 8Page - Analog Devices ADP3811 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
ADP3810/ADP3811
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 617/329-4700
World Wide Web Site: http://www.analog.com
Fax: 617/326-8703
© Analog Devices, Inc., 1996
Secondary Side, Off-Line
Battery Charger Controllers
FUNCTIONAL BLOCK DIAGRAM
ADP3810/
ADP3811
VSENSE
VCS
COMP
OUT
VCC
VREF
GND
VCTRL
1.5M
Ω
80k
Ω
VREF
UVLO
GM
GM1
UVLO
UVLO
R1
R2
ADP3810
ONLY
GM2
VREF
FEATURES
Programmable Charge Current
High Precision Battery Voltage Limit
Precision 2.000 V Reference
Low Voltage Drop Current Sense: 300 mV Full Scale
Full Operation in Shorted and Open Battery Conditions
Drives Diode-Side of Optocoupler
Wide Operating Supply Range: 2.7 V to 16 V
Undervoltage Lockout
SO-8 Package
ADP3810
Internal Precision Voltage Divider for Battery Sense
Four Final Battery Voltage Options Available: 4.2 V,
8.4 V, 12.6 V, 16.8 V
ADP3811
Adjustable Final Battery Voltage
APPLICATIONS
Battery Charger Controller for:
LiIon Batteries (ADP3810)
NiCad, NiMH Batteries (ADP3811)
GENERAL DESCRIPTION
The ADP3810 and ADP3811 combine a programmable current
limit with a battery voltage limit to provide a constant current,
constant voltage battery charger controller. In secondary side,
off-line applications, the output directly drives the diode side of
an optocoupler to give isolated feedback control of a primary
side PWM. The circuitry includes two gain (gm) stages, a preci-
sion 2.0 V reference, a control input buffer, an Undervoltage
Lock Out (UVLO) comparator, an output buffer and an over-
voltage comparator.
The current limit amplifier senses the voltage drop across an
external sense resistor to control the average current for charg-
ing a battery. The voltage drop can be adjusted from 25 mV
to 300 mV, giving a charging current limit from 100 mA to
1.2 amps with a 0.25
Ω sense resistor. An external dc voltage
on the VCTRL input sets the voltage drop. Because this input
is high impedance, a filtered PWM output can be used to set
the voltage.
As the battery voltage approaches its voltage limit, the voltage
sense amplifier takes over to maintain a constant battery volt-
age. The two amplifiers essentially operate in an “OR” fash-
ion. Either the current is limited, or the voltage is limited.
The ADP3810 has internal thin-film resistors that are trimmed
to provide a precise final voltage for LiIon batteries. Four volt-
age options are available, corresponding to 1-4 LiIon cells as
follows: 4.2 V, 8.4 V, 12.6 V and 16.8 V.
The ADP3811 omits these resistors allowing any battery volt-
age to be programmed with external resistors.


Similar Part No. - ADP3811

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3810 AD-ADP3810_15 Datasheet
5Mb / 14P
SECONDARY SIDE OFF LINE BATTERY CHARGER CONTROLLERS
REV. 0
More results

Similar Description - ADP3811

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC1890 TI-UCC1890 Datasheet
215Kb / 8P
Off-Line Battery Charger Circuit
logo
BCD Semiconductor Manuf...
AP3700 BCDSEMI-AP3700 Datasheet
186Kb / 10P
LOW POWER PWM CONTROLLER FOR OFF-LINE BATTERY CHARGER
AP3700E BCDSEMI-AP3700E Datasheet
234Kb / 12P
LOW POWER PWM CONTROLLER FOR OFF-LINE BATTERY CHARGER
logo
Seaward Electronics Inc...
SE3900 SEAWARD-SE3900 Datasheet
238Kb / 6P
Low Power PWM Controller for OFF-LINE Battery Charger
SE3901 SEAWARD-SE3901 Datasheet
335Kb / 8P
Low Power PWM Controller for OFF-LINE Battery Charger
logo
BCD Semiconductor Manuf...
AP3700A BCDSEMI-AP3700A Datasheet
228Kb / 11P
LOW POWER PWM CONTROLLER FOR OFF-LINE BATTERY CHARGER
logo
Analog Devices
ADP3810 AD-ADP3810_15 Datasheet
5Mb / 14P
SECONDARY SIDE OFF LINE BATTERY CHARGER CONTROLLERS
REV. 0
logo
STMicroelectronics
AN1620 STMICROELECTRONICS-AN1620 Datasheet
62Kb / 4P
25W OFF-LINE AUTORANGING BATTERY CHARGER
Nov-2002
logo
Linear Technology
LTC1729 LINER-LTC1729_15 Datasheet
231Kb / 16P
Li-Ion Battery Charger Termination Controllers
logo
Texas Instruments
UCC1890 TI1-UCC1890_08 Datasheet
242Kb / 9P
Off-Line Battery Charger Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com