Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3811 Datasheet(PDF) 3 Page - Analog Devices

Part # ADP3811
Description  Secondary Side, Off-Line Battery Charger Controllers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3811 Datasheet(HTML) 3 Page - Analog Devices

  ADP3811 Datasheet HTML 1Page - Analog Devices ADP3811 Datasheet HTML 2Page - Analog Devices ADP3811 Datasheet HTML 3Page - Analog Devices ADP3811 Datasheet HTML 4Page - Analog Devices ADP3811 Datasheet HTML 5Page - Analog Devices ADP3811 Datasheet HTML 6Page - Analog Devices ADP3811 Datasheet HTML 7Page - Analog Devices ADP3811 Datasheet HTML 8Page - Analog Devices ADP3811 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
ADP3810/ADP3811
–3–
REV. 0
ABSOLUTE MAXIMUM RATINGS
Supply Voltage, VCC
. . . . . . . . . . . . . . . . . . . –0.4 V to 18 V
VCTRL, VCS Input Range . . . . . . . . . . . . . . . . . . –0.4 V to VCC
VSENSE Input Range (ADP3811) . . . . . . . . . . . . –0.4 V to VCC
VSENSE Input Range (ADP3810) . . . . . . . . . . . –0.4 V to 20 V
Maximum Power Dissipation . . . . . . . . . . . . . . . . . . 500 mW
Operating Temperature Range . . . . . . . . . . . –40
°C to +85°C
Storage Temperature Range . . . . . . . . . . . . . –65
°C to 150°C
Lead Temperature (Soldering, 10 sec) . . . . . . . . . . . . +300
°C
ORDERING GUIDE
Temperature
Package
Battery
Model
Range
Option
Voltage
ADP3810AR-4.2
–40
°C to +85°C SO-8
4.2 V
ADP3810AR-8.4
–40
°C to +85°C SO-8
8.4 V
ADP3810AR-12.6
–40
°C to +85°C SO-8
12.6 V
ADP3810AR-16.8
–40
°C to +85°C SO-8
16.8 V
ADP3811AR
–40
°C to +85°C SO-8
Adjustable
WARNING!
ESD SENSITIVE DEVICE
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the ADP3810/ADP3811 features proprietary ESD protection circuitry, permanent
damage may occur on devices subjected to high energy electrostatic discharges. Therefore, proper
ESD precautions are recommended to avoid performance degradation or loss of functionality.
PIN DESCRIPTION
Mnemonic Function
VSENSE
Battery Voltage Sense Input.
VCS
Current Sense Input.
VREF
Reference Output. Nominally 2.0 V.
COMP
External Compensation Pin.
OUT
Optocoupler Current Output Drive.
VCTRL
DC Control Input to Set Current Limit, 0 V to 1.2 V.
VCC
Positive Supply.
GND
Ground Pin.
PIN CONFIGURATION
1
2
3
4
8
7
6
5
TOP VIEW
(Not to Scale)
ADP3810
ADP3811
VSENSE
VCS
COMP
OUT
VCC
VREF
GND
VCTRL
ADP3810/
ADP3811
VSENSE
VCS
COMP
OUT
VCC
VREF
VCTRL
1.5M
Ω
80k
Ω
VREF
GM1
UVLO
UVLO
R1
ADP3810
ONLY
GM2
VREF
100µA
R2
R1
ADP3811
ONLY
R2
0.1µF
2.0V
0.1µF
200
Ω
1.2V
GM3
R3
BATTERY
VBAT
VRCS
RCS
GND
IOUT
VIN
RETURN
CC
RC
ICHARGE
DC/DC
CONVERTER
GND
OUT
IN
CTRL
UVLO
BUFFER
Figure 1. Simplified Battery Charger



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com