Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC2125N Datasheet(PDF) 2 Page - IXYS Corporation

Part # CPC2125N
Description  Dual Single-Pole, Normally Closed 8-Pin SOIC OptoMOS짰 Relay
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC2125N Datasheet(HTML) 2 Page - IXYS Corporation

  CPC2125N Datasheet HTML 1Page - IXYS Corporation CPC2125N Datasheet HTML 2Page - IXYS Corporation CPC2125N Datasheet HTML 3Page - IXYS Corporation CPC2125N Datasheet HTML 4Page - IXYS Corporation CPC2125N Datasheet HTML 5Page - IXYS Corporation CPC2125N Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
2
R02
CPC2125N
Absolute Maximum Ratings are stress ratings. Stresses in
excess of these ratings can cause permanent damage to
the device. Functional operation of the device at conditions
beyond those indicated in the operational sections of this
data sheet is not implied.
Absolute Maximum Ratings @ 25ºC
Parameter
Ratings
Units
Blocking Voltage
400
V
P
Reverse Input Voltage
5
V
LED Forward Current
Peak (10ms)
50
mA
1A
Input Power Dissipation
70
mW
Total Power Dissipation 1
600
mW
Isolation Voltage, Input to Output
(60 Seconds)
1500
V
rms
ESD Rating, Human Body Model
8
kV
Operational Temperature
-40 to +85
°C
Storage Temperature
-40 to +125
°C
1 Derate linearly 5mW / ºC
Parameter
Conditions
Symbol
Min
Typ
Max
Units
Output Characteristics
Load Current
Continuous 1
I
F=0mA
I
L
-
-
100
mA
rms / mADC
Peak
t =10ms
I
LPK
-
-
±350
mA
P
On-Resistance 2
I
L=100mA
R
ON
-26
35
Switching Speeds
Turn-On
I
F=5mA, VL=10V
t
on
-
0.31
2
ms
Turn-Off
t
off
-
0.30
2
Off-State Leakage Current
V
L=400V, IF=2mA
I
LEAK
--
1
µA
Output Capacitance
I
F=2mA, VL= 50V, f=1MHz
C
OUT
-6
-
pF
Input Characteristics
LED Forward Current
To Activate 3
I
L=100mA
I
F
--
2
mA
To Deactivate
-
0.1
-
-
Input Voltage Drop
I
F=5mA
V
F
0.9
1.2
1.4
V
Reverse Input Current
V
R=5V
I
R
-
-
10
µA
Common Characteristics
Capacitance, Input to Output
-
C
I/O
-1
-
pF
1
Load current derates linearly from 100mA @ 25oC to 60mA @ 85oC, and must be derated if both poles are operating simultaneously.
2
Measurement taken within 1 second of on-time.
3
For applications requiring high temperature operation (greater than 60°C) a LED forward current of 4mA is recommended.
Electrical Characteristics @ 25ºC



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com