Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC2125N Datasheet(PDF) 1 Page - IXYS Corporation

Part # CPC2125N
Description  Dual Single-Pole, Normally Closed 8-Pin SOIC OptoMOS짰 Relay
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC2125N Datasheet(HTML) 1 Page - IXYS Corporation

  CPC2125N Datasheet HTML 1Page - IXYS Corporation CPC2125N Datasheet HTML 2Page - IXYS Corporation CPC2125N Datasheet HTML 3Page - IXYS Corporation CPC2125N Datasheet HTML 4Page - IXYS Corporation CPC2125N Datasheet HTML 5Page - IXYS Corporation CPC2125N Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
DS-CPC2125N-R02
1
CPC2125N
Dual Single-Pole, Normally Closed
8-Pin SOIC OptoMOS® Relay
e3
Pb
Part #
Description
CPC2125N
8-Pin SOIC (50/tube)
CPC2125NTR
8-Pin SOIC (2000/reel)
Parameter
Rating
Units
Blocking Voltage
400
V
P
Load Current
100
mA
rms / mADC
On-Resistance (max)
35
LED Forward Current (to Activate)
2
mA
Applications
Features
Description
Ordering Information
Pin Configuration
• Telecommunications
• Telecom Switching
• Tip/Ring Circuits
• Modem Switching (Laptop, Notebook, Pocket Size)
• Hook Switch
• Dial Pulsing
• Ground Start
• Ringing Injection
• Security
• Passive Infrared Detectors (PIR)
• Data Signaling
• Sensor Circuitry
• Instrumentation
• Multiplexers
• Data Acquisition
• Electronic Switching
• I/O Subsystems
• Medical Equipment—Patient/Equipment Isolation
• Aerospace
• Industrial Controls
• 1500V
rms Input/Output Isolation
• TTL/CMOS Compatible Input
• Arc-Free With No Snubbing Circuits
• No EMI/RFI Generation
• Immune to Radiated EM Fields
• SMD Pick & Place, Wave Solderable
• Tape & Reel Version Available
• Small 8-Pin SOIC Package
The CPC2125N is a miniature device with two
independent normally closed (1-Form-B) solid state
relays in an 8-Pin SOIC package that employs
optically coupled MOSFET technology to provide
1500V
rms of input/output isolation.
Optically coupled outputs using the patented
OptoMOS architecture are controlled by a highly
efficient GaAIAs infrared LED.
Constructed using IXYS Integrated Circuits Division’s
state of the art packaging, this device is one of the
world’s smallest relays. It offers substantial board
space savings over the competitor’s larger 8-Pin SOIC
relay.
Switching Characteristics
of Normally Closed (Form-B) Devices
Approvals
Form-B
I
F
10%
90%
I
LOAD
t
on
t
off
• UL Certified Component: File E76270
• CSA Certified Component: Certificate 1172007
• EN/IEC 60950-1 Certified Component:
TUV Certificate B 10 05 49410 006
+ Control
– Control
Load
Load
1
2
3
4
7
8
5
6
+ Control
– Control
Load
Load


Similar Part No. - CPC2125N

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC2014N CLARE-CPC2014N Datasheet
117Kb / 5P
8-Pin SOIC Dual OptoMOS짰 Relay
logo
IXYS Corporation
CPC2014N IXYS-CPC2014N Datasheet
123Kb / 6P
60V Dual Normally-Open Single-Pole 8-Pin SOIC OptoMOS Relay
logo
Clare, Inc.
CPC2014NTR CLARE-CPC2014NTR Datasheet
117Kb / 5P
8-Pin SOIC Dual OptoMOS짰 Relay
logo
IXYS Corporation
CPC2014NTR IXYS-CPC2014NTR Datasheet
123Kb / 6P
60V Dual Normally-Open Single-Pole 8-Pin SOIC OptoMOS Relay
logo
Clare, Inc.
CPC2017N CLARE-CPC2017N Datasheet
116Kb / 5P
8-Pin Dual SOIC OptoMOS짰 Relay
More results

Similar Description - CPC2125N

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC2014N CLARE-CPC2014N Datasheet
117Kb / 5P
8-Pin SOIC Dual OptoMOS짰 Relay
CPC2017N CLARE-CPC2017N Datasheet
116Kb / 5P
8-Pin Dual SOIC OptoMOS짰 Relay
logo
IXYS Corporation
CPC2017N IXYS-CPC2017N Datasheet
115Kb / 6P
Dual Normally Open 8-Pin SOIC OptoMOS짰 Relay
CPC2025N IXYS-CPC2025N Datasheet
115Kb / 6P
Dual Single-Pole, Normally Open 8-Pin SOIC OptoMOS짰 Relay
CPC2317N IXYS-CPC2317N Datasheet
126Kb / 7P
Dual Single-Pole 8-Pin SOIC OptoMOS짰 Relay
CPC2330N IXYS-CPC2330N Datasheet
140Kb / 8P
Dual Single-Pole 8-Pin SOIC OptoMOS짰 Relay
CPC2030N IXYS-CPC2030N Datasheet
118Kb / 6P
Dual Single-Pole, Normally Open 8-Pin SOIC OptoMOS짰 Relay
CPC1106N IXYS-CPC1106N Datasheet
135Kb / 6P
60V Normally-Closed Single-Pole 4-Pin SOP OptoMOS짰 Relay
CPC1114N IXYS-CPC1114N Datasheet
134Kb / 6P
60V Normally-Closed Single-Pole 4-Pin SOP OptoMOS짰 Relay
CPC2014N IXYS-CPC2014N Datasheet
123Kb / 6P
60V Dual Normally-Open Single-Pole 8-Pin SOIC OptoMOS Relay
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com