Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADR293 Datasheet(PDF) 6 Page - Analog Devices

Part # ADR293
Description  Low Noise Micropower Precision Voltage Reference
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR293 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADR293 Datasheet HTML 2Page - Analog Devices ADR293 Datasheet HTML 3Page - Analog Devices ADR293 Datasheet HTML 4Page - Analog Devices ADR293 Datasheet HTML 5Page - Analog Devices ADR293 Datasheet HTML 6Page - Analog Devices ADR293 Datasheet HTML 7Page - Analog Devices ADR293 Datasheet HTML 8Page - Analog Devices ADR293 Datasheet HTML 9Page - Analog Devices ADR293 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
ADR293
REV. 0
–6–
TEMPERATURE – C
200
160
0
50
125
25
0
255075
100
120
80
40
VS = 6.0V
IOUT = 1mA
IOUT = 5mA
Figure 7. Load Regulation vs. Temperature
SOURCING LOAD CURRENT – mA
0
4
010
1
3
1
TA = +25 C
TA = +125 C
TA = 40 C
2
1
2
Figure 8.
∆V
OUT from Nominal vs. Load Current
FREQUENCY – Hz
1200
0
10
1000
100
200
1000
400
600
800
VIN = 15V
TA = 25 C
Figure 9. Voltage Noise Density
FREQUENCY – Hz
120
60
0
10
1000
100
20
100
80
VS = 6.0V
40
Figure 10. Ripple Rejection vs. Frequency
40
30
20
10
0
FREQUENCY – Hz
50
10
100
1k
10k
VS = 6.0V
IL = 0mA
Figure 11. Output Impedance vs. Frequency
1s
10 V p-p
Figure 12. 0.1 Hz to 10 Hz Noise



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com