Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADR293 Datasheet(PDF) 1 Page - Analog Devices

Part # ADR293
Description  Low Noise Micropower Precision Voltage Reference
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR293 Datasheet(HTML) 1 Page - Analog Devices

  ADR293 Datasheet HTML 1Page - Analog Devices ADR293 Datasheet HTML 2Page - Analog Devices ADR293 Datasheet HTML 3Page - Analog Devices ADR293 Datasheet HTML 4Page - Analog Devices ADR293 Datasheet HTML 5Page - Analog Devices ADR293 Datasheet HTML 6Page - Analog Devices ADR293 Datasheet HTML 7Page - Analog Devices ADR293 Datasheet HTML 8Page - Analog Devices ADR293 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
PIN CONFIGURATIONS
8-Lead Narrow Body SO
(R Suffix)
1
2
3
4
8
7
6
5
TOP VIEW
(Not to Scale)
ADR293
VOUT
VIN
GND
NC
NC
NC
NC
NC
NC = NO CONNECT
8-Lead TSSOP
(RU Suffix)
1
2
3
4
8
7
6
5
TOP VIEW
(Not to Scale)
ADR293
VOUT
VIN
GND
NC
NC
NC
NC
NC
NC = NO CONNECT
3-Lead TO-92
(T9 Suffix)
PIN 1
VIN
PIN 2
GND
PIN 3
VOUT
BOTTOM VIEW
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
Low Noise Micropower
Precision Voltage Reference
ADR293
FEATURES
Voltage Output 5.0 V
6.0 V to 15 V Supply Range
Supply Current 15
A Max
Initial Accuracy
3 mV Max
Temperature Coefficient 8 ppm/ C Max
Low Noise 15
V p–p Typ (0.1 Hz to 10 Hz)
High Output Current 5 mA Min
Temperature Range
40 C to
125 C
REF02/REF19x Pinout
APPLICATIONS
Portable Instrumentation
Precision Reference for 5 V Systems
A/D and D/A Converter Reference
Solar Powered Applications
Loop-Current Powered Instruments
GENERAL DESCRIPTION
The ADR293 is a low noise, micropower precision voltage
reference that utilizes an XFET™ (eXtra implanted junction
FET) reference circuit. The new XFET architecture offers sig-
nificant performance improvements over traditional bandgap
and Zener-based references. Improvements include: one quarter
the voltage noise output of bandgap references operating at the
same current, very low and ultralinear temperature drift, low
thermal hysteresis and excellent long-term stability.
The ADR293 is a series voltage reference providing stable and
accurate output voltage from a 6.0 V supply. Quiescent current
is only 15
µA max, making this device ideal for battery powered
instrumentation. Three electrical grades are available offering
initial output accuracy of
±3 mV, ±6 mV, and ±10 mV. Tem-
perature coefficients for the three grades are 8 ppm/
°C, 15 ppm/°C
and 25 ppm/
°C max. Line regulation and load regulation are typi-
cally 30 ppm/V and 30 ppm/mA, maintaining the reference’s over-
all high performance.
The ADR293 is specified over the extended industrial tempera-
ture range of –40
°C to +125°C. This device is available in the
8-lead SOIC, 8-lead TSSOP and the TO-92 package.
XFET is a trademark of Analog Devices, Inc.
Part Number
Nominal Output Voltage (V)
ADR290
2.048
ADR291
2.500
ADR292
4.096
ADR293
5.000
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 1998


Similar Part No. - ADR293

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADR293 AD-ADR293 Datasheet
199Kb / 15P
Low Noise Micropower Precision Voltage References
REV.B
ADR293 AD-ADR293 Datasheet
993Kb / 32P
Ultralow Noise, High Accuracy
REV. 0
ADR293 AD-ADR293 Datasheet
261Kb / 12P
Low Noise, Micropower 5.0 V Precision Voltage Reference
REV. D
ADR293-EP AD-ADR293-EP Datasheet
182Kb / 12P
Low Noise, Micropower 5.0 V Precision Voltage Reference
REV. 0
ADR293ERZ AD-ADR293ERZ Datasheet
261Kb / 12P
Low Noise, Micropower 5.0 V Precision Voltage Reference
REV. D
More results

Similar Description - ADR293

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4120 NSC-LM4120 Datasheet
289Kb / 11P
Precision Micropower Low Dropout Voltage Reference
LM4121 NSC-LM4121 Datasheet
436Kb / 16P
Precision Micropower Low Dropout Voltage Reference
LM4130 NSC-LM4130 Datasheet
264Kb / 12P
Precision Micropower Low Dropout Voltage Reference
LM4125 NSC-LM4125 Datasheet
300Kb / 12P
Precision Micropower Low Dropout Voltage Reference
LM4120 NSC-LM4120_05 Datasheet
721Kb / 12P
Precision Micropower Low Dropout Voltage Reference
logo
Analog Devices
ADR293GRZ AD-ADR293GRZ Datasheet
261Kb / 12P
Low Noise, Micropower 5.0 V Precision Voltage Reference
REV. D
ADR293-EP AD-ADR293-EP Datasheet
182Kb / 12P
Low Noise, Micropower 5.0 V Precision Voltage Reference
REV. 0
ADR293ERZ AD-ADR293ERZ Datasheet
261Kb / 12P
Low Noise, Micropower 5.0 V Precision Voltage Reference
REV. D
ADR293 AD-ADR293_15 Datasheet
261Kb / 12P
Low Noise, Micropower 5.0 V Precision Voltage Reference
REV. D
logo
Texas Instruments
LM4125 TI-LM4125_15 Datasheet
988Kb / 18P
Precision Micropower Low Dropout Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com