Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC7220 Datasheet(PDF) 13 Page - IXYS Corporation

Part # CPC7220
Description  Low Charge Injection, 8-Channel High Voltage Analog Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC7220 Datasheet(HTML) 13 Page - IXYS Corporation

Back Button CPC7220_12 Datasheet HTML 6Page - IXYS Corporation CPC7220_12 Datasheet HTML 7Page - IXYS Corporation CPC7220_12 Datasheet HTML 8Page - IXYS Corporation CPC7220_12 Datasheet HTML 9Page - IXYS Corporation CPC7220_12 Datasheet HTML 10Page - IXYS Corporation CPC7220_12 Datasheet HTML 11Page - IXYS Corporation CPC7220_12 Datasheet HTML 12Page - IXYS Corporation CPC7220_12 Datasheet HTML 13Page - IXYS Corporation CPC7220_12 Datasheet HTML 14Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
PRELIMINARY
INTEGRATED CIRCUITS DIVISION
CPC7220
R00L
PRELIMINARY
13
3.5 Mechanical Dimensions
3.5.1 CPC7220W 28-Pin PLCC Package
3.5.2 CPC7220K 48-Pin LQFP Package
Dimensions
mm
(inches)
PCB Land Pattern
4.382 ± 0.254
(0.173 ± 0.010)
2.667 ± 0.381
(0.105 ± 0.015)
0.432 TYP
(0.017 TYP)
0.508 MIN
(0.020 MIN)
1.27 TYP
(0.050 TYP)
12.446 ± 0.254
(0.490 ± 0.010)
11.506 ± 0.102
(0.453 ± 0.004)
Pin 1
Designator
11.20
(0.441)
11.20
(0.441)
0.65
(0.026)
2.20
(0.087)
1.27
(0.050)
Dimensions
mm
(inches)
0.60, +0.15/-0.10
(0.024, +0.006/-0.004)
1.60 Max
(0.063Max)
1.40 ± 0.05
(0.055 ± 0.002)
0.05 Min / 0.15 Max
(0.002 Min - 0.006 Max)
0.50
(0.020)
PCB Land Pattern
8.40
(0.331)
0.50
(0.020)
0.30
(0.012)
1.50
(0.059)
8.40
(0.331)
Pin 48
Pin 1
0.22 ± 0.05
(0.009 ± 0.002)
7.00 ± 0.10
(0.276 ± 0.004)
9.00 ± 0.20
(0.354 ± 0.008)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com