Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC7220 Datasheet(PDF) 3 Page - IXYS Corporation

Part # CPC7220
Description  Low Charge Injection, 8-Channel High Voltage Analog Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC7220 Datasheet(HTML) 3 Page - IXYS Corporation

  CPC7220_12 Datasheet HTML 1Page - IXYS Corporation CPC7220_12 Datasheet HTML 2Page - IXYS Corporation CPC7220_12 Datasheet HTML 3Page - IXYS Corporation CPC7220_12 Datasheet HTML 4Page - IXYS Corporation CPC7220_12 Datasheet HTML 5Page - IXYS Corporation CPC7220_12 Datasheet HTML 6Page - IXYS Corporation CPC7220_12 Datasheet HTML 7Page - IXYS Corporation CPC7220_12 Datasheet HTML 8Page - IXYS Corporation CPC7220_12 Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
PRELIMINARY
INTEGRATED CIRCUITS DIVISION
CPC7220
R00L
PRELIMINARY
3
1. Specifications
1.1 Package Pinout, PLCC-28
1.2 Pin Description
4
26
25
19
27
28
2
3
24
23
22
21
20
12
18
17
16
15
14
13
5
11
67
8
910
1
Pin
Name
Description
1SW3
SW3 Output
2SW3
SW3 Output
3SW2
SW2 Output
4SW2
SW2 Output
5SW1
SW1 Output
6SW1
SW1 Output
7SW0
SW0 Output
8SW0
SW0 Output
10
VPP
Switch Positive High Voltage Supply
12
VNN
Switch Negative High Voltage Supply
13
GND
Ground
14
VDD
Logic Positive Voltage Supply
16
DIN
Serial Data Input
17
CLK
Clock Input, Positive Edge Trigger
18
LE
Latch Enable, Active Low
19
CL
Latch Clear, Active High Clears Latches
And Opens Switches
20
DOUT
Serial Data Output
21
SW7
SW7 Output
22
SW7
SW7 Output
23
SW6
SW6 Output
24
SW6
SW6 Output
25
SW5
SW5 Output
26
SW5
SW5 Output
27
SW4
SW4 Output
28
SW4
SW4 Output
9, 11, 15
N/C
No Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com