Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC7220K Datasheet(PDF) 4 Page - IXYS Corporation

Part # CPC7220K
Description  Low Charge Injection, 8-Channel High Voltage Analog Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC7220K Datasheet(HTML) 4 Page - IXYS Corporation

  CPC7220K Datasheet HTML 1Page - IXYS Corporation CPC7220K Datasheet HTML 2Page - IXYS Corporation CPC7220K Datasheet HTML 3Page - IXYS Corporation CPC7220K Datasheet HTML 4Page - IXYS Corporation CPC7220K Datasheet HTML 5Page - IXYS Corporation CPC7220K Datasheet HTML 6Page - IXYS Corporation CPC7220K Datasheet HTML 7Page - IXYS Corporation CPC7220K Datasheet HTML 8Page - IXYS Corporation CPC7220K Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
PRELIMINARY
INTEGRATED CIRCUITS DIVISION
CPC7220
4
PRELIMINARY
R00L
1.3 Package Pinout, LQFP-48
1.4 Pin Description
1
2
3
4
5
6
7
8
9
10
11
12
36
35
34
33
32
31
30
29
28
27
26
25
Pin
Name
Description
1SW5
SW5 Output
3SW4
SW4 Output
5SW4
SW4 Output
8SW3
SW3 Output
10
SW3
SW3 Output
12
SW2
SW2 Output
14
SW2
SW2 Output
16
SW1
SW1 Output
18
SW1
SW1 Output
20
SW0
SW0 Output
22
SW0
SW0 Output
24
VPP
Switch Positive High Voltage Supply
25
VNN
Switch Negative High Voltage Supply
28
GND
Ground
29
VDD
Logic Positive Supply Voltage
33
DIN
Serial Data Input
34
CLK
Clock Input, Positive Edge Trigger
35
LE
Latch Enable, Active Low
36
CL
Latch Clear, Active High Clears Latches
And Opens Switches
37
DOUT
Serial Data Output
39
SW7
SW7 Output
41
SW7
SW7 Output
43
SW6
SW6 Output
45
SW6
SW6 Output
47
SW5
SW5 Output
2, 4, 6,
7, 9, 11,
13, 15,
17, 19,
21, 23,
26, 27,
30, 31,
32, 38,
40, 42,
44, 46,
48
N/C
No Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com