Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC7220K Datasheet(PDF) 8 Page - IXYS Corporation

Part # CPC7220K
Description  Low Charge Injection, 8-Channel High Voltage Analog Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC7220K Datasheet(HTML) 8 Page - IXYS Corporation

Back Button CPC7220K Datasheet HTML 4Page - IXYS Corporation CPC7220K Datasheet HTML 5Page - IXYS Corporation CPC7220K Datasheet HTML 6Page - IXYS Corporation CPC7220K Datasheet HTML 7Page - IXYS Corporation CPC7220K Datasheet HTML 8Page - IXYS Corporation CPC7220K Datasheet HTML 9Page - IXYS Corporation CPC7220K Datasheet HTML 10Page - IXYS Corporation CPC7220K Datasheet HTML 11Page - IXYS Corporation CPC7220K Datasheet HTML 12Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
PRELIMINARY
INTEGRATED CIRCUITS DIVISION
CPC7220
8
PRELIMINARY
R00L
1.7.4 Supply DC Characteristics (over recommended operating conditions unless otherwise noted)
Parameter
Symbol
Test Conditions
0°C
+25°C
+70°C
Units
min
max
min
typ
max
min
max
VPP Quiescent Supply Current
IPPQ
All Switches OFF
---
0.1
10
-
-
A
All Switches ON, ISW=5mA
VNN Quiescent Supply Current
INNQ
All Switches OFF
---
-0.1
-10
-
-
All Switches ON, ISW=5mA
VPP Operating Supply Current
IPP
VPP=40V,
VNN=-160V
50kHz Output
Switching
Frequency with
No Load
-6.5
-
-
7
-
8
mA
VPP=100V,
VNN=-100V
-
5
-
-
5.5
-
5.5
VPP=160V,
VNN=-40V
-5
-
-
5
-
5.5
VNN Operating Supply Current
INN
VPP=40V,
VNN=-160V
50kHz Output
Switching
Frequency with
No Load
-6.5
-
-
7
-
8
mA
VPP=100V,
VNN=-100V
-
5
-
-
5.5
-
5.5
VPP=160V,
VNN=-40V
-5
-
-
5
-
5.5
VDD Average Supply Current
IDD
fCLK=5MHz, VDD=5V
-4
-
-
4
-
4
mA
VDD Quiescent Supply Current
IDDQ
-
-
10
-
0.03
10
-
10
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com