Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC7601 Datasheet(PDF) 5 Page - IXYS Corporation

Part # CPC7601
Description  Low Charge Injection, 16-Channel High Voltage Analog Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC7601 Datasheet(HTML) 5 Page - IXYS Corporation

  CPC7601 Datasheet HTML 1Page - IXYS Corporation CPC7601 Datasheet HTML 2Page - IXYS Corporation CPC7601 Datasheet HTML 3Page - IXYS Corporation CPC7601 Datasheet HTML 4Page - IXYS Corporation CPC7601 Datasheet HTML 5Page - IXYS Corporation CPC7601 Datasheet HTML 6Page - IXYS Corporation CPC7601 Datasheet HTML 7Page - IXYS Corporation CPC7601 Datasheet HTML 8Page - IXYS Corporation CPC7601 Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
INTEGRATED CIRCUITS DIVISION
CPC7601
R02
www.ixysic.com
5
1.5 Electrical Characteristics
1.5.1 Switch Characteristics
(Over recommended operating conditions unless otherwise noted.)
Parameter
Symbol
Test Conditions
0°C
+25°C
+70°C
Units
min
max
min
typ
max
min
max
Switch On-Resistance,
Small Signal
RONS
VPP=40V,VNN=-160V
ISW=5mA
-
30
-
27
35
-
48
ISW=200mA
-
26
-
22
29
-
40
VPP=100V, VNN=-100V
ISW=5mA
-
30
-
27
35
-
48
ISW=200mA
-
26
-
22
29
-
40
VPP=160V, VNN=-40V
ISW=5mA
-
30
-
27
35
-
48
ISW=200mA
-
26
-
22
29
-
40
Switch On-Resistance Matching,
Small Signal
R
ONS
VPP=100V, VNN=-100V, ISW=5mA
-20-
4
20-20
%
Switch On-resistance,
Large Signal
RONL
VSIG=VPP-10V, ISIG=1A
---
15
---
Switch Off Leakage, Per Switch
ISOL
VSIG=VPP-10V and VNN+10V
-5
-
0.4
10
-
15
A
DC Offset, Switch Off
VOS
RL=100k
-
300
-
-
300
-
300
mV
DC Offset, Switch On
VOS
RL=100k
-
500
-
-
500
-
500
Switch Output Peak Current
-
VSIG duty cycle < 0.1%
----
1
-
-
A
Output Switch Frequency
fSW
Duty cycle = 50%
----
50
--
kHz
Maximum VSIG Slew Rate
dV/dt
VPP=160V, VNN=-40V
-20-
-20-20
V/ns
VPP=100V, VNN=-100V
VPP=40V, VNN=-160V
Off Isolation
KO
f=5MHz, ZL=1k||15pF load
30
-30-
-30-
dB
f=5MHz, RL=50
58
-58-
-58-
Switch Crosstalk
KCR
f=5MHz, RL=50
-60
-
-60
-
-
-60
-
dB
Output Switch
Isolation Diode Current
IID
300ns pulse width, 2.0% duty cycle
-
300
-
-
300
-
300
mA
Off Capacitance, SW to GND
CSG(OFF) VSW=0V, f=1MHz
5
175
-
175
20
pF
On Capacitance, SW to GND
CSG(ON) VSW=0V, f=1MHz
25
40
20
-
50
25
50
Output Voltage Spike
+VSPK
VPP=40V, VNN=-160V
RL=50
----
150
-
-
mV
-VSPK
+VSPK
VPP=100V, VNN=-100V
----
150
-
-
-VSPK
+VSPK
VPP=160V, VNN=-40V
----
150
-
-
-VSPK
Charge Injection
Q
VPP=100V, VNN=-100V, VSIG=0V
-820
-
pC



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com