Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC7601 Datasheet(PDF) 8 Page - IXYS Corporation

Part # CPC7601
Description  Low Charge Injection, 16-Channel High Voltage Analog Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC7601 Datasheet(HTML) 8 Page - IXYS Corporation

Back Button CPC7601 Datasheet HTML 3Page - IXYS Corporation CPC7601 Datasheet HTML 4Page - IXYS Corporation CPC7601 Datasheet HTML 5Page - IXYS Corporation CPC7601 Datasheet HTML 6Page - IXYS Corporation CPC7601 Datasheet HTML 7Page - IXYS Corporation CPC7601 Datasheet HTML 8Page - IXYS Corporation CPC7601 Datasheet HTML 9Page - IXYS Corporation CPC7601 Datasheet HTML 10Page - IXYS Corporation CPC7601 Datasheet HTML 11Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
INTEGRATED CIRCUITS DIVISION
8
www.ixysic.com
R02
CPC7601
2. Functional Description
The CPC7601 takes a serial stream of input data
along with a synchronous clock signal. As the clock
transits from low to high, the data at the input of each
shift register is shifted through from SR(n) to SR(n+1).
A high data bit, a “1,” represents an ON switch; a low
data bit, a “0,” represents an OFF switch. Data is input
and shifted through the internal shift register until all
sixteen shift register positions, SR0 through SR15, are
in the desired state.
DIN: The data-in line presents data bits to be shifted
through the internal shift register. The last bit into the
shift register is the SW0 control bit.
CLK: The clock signal's rising edge is associated only
with shifting data into and through the shift register.
CL: The clear line overrides all other inputs. When CL
is high, the shift register is asynchronously cleared to
all “0”s and all latches are set low, which causes all
output switches to be turned OFF immediately. When
CL is low, all output switches remain in whatever state
they are in, ON or OFF, in response to CLK, latch
inputs, and the LE signal.
LE: latch enable controls the state of the latches and
thus the state of the eight switches. If LE is high, then
the latches do not change states, but retain their most
recent status: either ON or OFF. With LE high, input
data and CLK have no effect on the state of the output
switches. If LE is low, then all latch outputs and their
switch states follow the inputs from the shift register.
LE is overridden by CL: regardless of LE’s state, CL
clears the latches. See “Truth Table” on page 9.
Note that holding LE active while clocking in new data
will cause the outputs to toggle with the shifting data.
DOUT: The data-out pin is the output of SR15. After
sixteen clock pulses, the first bit of sixteen shifted input
data bits is output at SR15, and appears on DOUT.
SW0 - SW15: The CPC7601 provides sixteen
high-voltage SPST output switches with a nominal
small-signal on-resistance of 25
 The two
connections of each switch are not polarity-sensitive.
VPP and VNN: Voltage inputs to the level shifters for
each switch channel that translate the voltage level of
the latch output signals to an appropriate level for the
voltages being switched. The high-voltage output
switches are turned on and off in response to data
sent into the latches from the shift register: “0” turns a
switch OFF, “1” turns a switch ON.
Two or more CPC7601 devices can be cascaded to
form an n-switch arrangement. The DOUT pin of the
first is connected to the DIN pin of the next in the
series. All devices are connected to the same clock
(CLK) signal. LE of all devices would normally be
connected, as would CL, but this is not necessary.
The first data bit applied to DIN of the CPC7601,
whether it's a single device or several cascaded
devices, ripples through to the last switch output in line
after the application of a full clocking sequence of
sixteen clock pulses. Setting the serial I/O device to
output the most significant bit (MSB) first, results in the
MSB appearing on SW15 of the last device in line after
a full clocking sequence.
CL
DIN
CLK
LE
SW0
SW15
SW0
SW15
SW0
SW15
DOUT
LE
CL
DIN
CLK
DOUT
LE
CL
DIN
CLK
DOUT
LE
CL
DIN
CLK
CPC7601
CPC7601
CPC7601



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com