Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC7601K Datasheet(PDF) 6 Page - IXYS Corporation

Part # CPC7601K
Description  Low Charge Injection, 16-Channel High Voltage Analog Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC7601K Datasheet(HTML) 6 Page - IXYS Corporation

Back Button CPC7601K Datasheet HTML 2Page - IXYS Corporation CPC7601K Datasheet HTML 3Page - IXYS Corporation CPC7601K Datasheet HTML 4Page - IXYS Corporation CPC7601K Datasheet HTML 5Page - IXYS Corporation CPC7601K Datasheet HTML 6Page - IXYS Corporation CPC7601K Datasheet HTML 7Page - IXYS Corporation CPC7601K Datasheet HTML 8Page - IXYS Corporation CPC7601K Datasheet HTML 9Page - IXYS Corporation CPC7601K Datasheet HTML 10Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
INTEGRATED CIRCUITS DIVISION
6
www.ixysic.com
R02
CPC7601
1.5.2 Logic Timing Characteristics
(Over recommended operating conditions unless otherwise noted.)
1.5.3 Logic Timing Waveforms
Parameter
Symbol
Test Conditions
0°C
+25°C
70°C
Units
min
max
min
typ
max
min
max
Setup Time Before
LE Rises
tSD
-
25
-
25
-
-
25
-
ns
Time Width of
LE
tWLE
VDD=3V
56
-56-
-56-
VDD=5V
12
-12-
-12-
Clock Delay Time to Data Out
tDO
VDD=3V
10
100
10
-
100
10
100
VDD=5V
5
455
-
455
45
Time Width of CL
tWCL
-
55
-
55
-
-
55
-
Setup Time, Data to Clock
tsu
VDD=3V
21
-
-
21
-
21
-
VDD=5V
7
-
-7
-7
-
Hold Time, Data from Clock
th
-2
-
2
-
-
2
-
Clock Frequency
fCLK
50% duty cycle, fDATA= ½ fCLK, VDD=3V
-8
-
-
8
-
8
MHz
50% duty cycle, fDATA= ½ fCLK, VDD=5V
-20-
-20-20
Clock Rise and Fall Times
tr , tf
-
-
50
-
-
50
-
50
ns
Turn-On Time
ton
VSIG=VPP-10V, RL=10k
-5
-
-
5
-
5
s
Turn-Off Time
toff
-5
-5
-5
D
N-1
D
N
D
N+1
50%
50%
50%
50%
D
IN
LE
t
WLE
t
SD
50%
50%
CLK
t
su
t
h
t
DO
50%
D
OUT
t
off
t
on
90%
10%
OFF
ON
CL
50%
50%
t
WCL
V
OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com