Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC7601K Datasheet(PDF) 1 Page - IXYS Corporation

Part # CPC7601K
Description  Low Charge Injection, 16-Channel High Voltage Analog Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC7601K Datasheet(HTML) 1 Page - IXYS Corporation

  CPC7601K Datasheet HTML 1Page - IXYS Corporation CPC7601K Datasheet HTML 2Page - IXYS Corporation CPC7601K Datasheet HTML 3Page - IXYS Corporation CPC7601K Datasheet HTML 4Page - IXYS Corporation CPC7601K Datasheet HTML 5Page - IXYS Corporation CPC7601K Datasheet HTML 6Page - IXYS Corporation CPC7601K Datasheet HTML 7Page - IXYS Corporation CPC7601K Datasheet HTML 8Page - IXYS Corporation CPC7601K Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
INTEGRATED CIRCUITS DIVISION
DS-CPC7601-R02
www.ixysic.com
1
Features
• Processed with BCDMOS on SOI (Silicon On
Insulator)
• Flexible High Voltage Supplies up to V
PP-VNN=200V
• DC to 10MHz Analog Signal Frequency
• 60dB Minimum Output-Off Isolation at 5MHz
• Low Quiescent Power Dissipation (< 1
A typical)
• Low Output On-Resistance
• Adjustable High Voltage Supplies
• Surface Mount Package
Applications
• Ultrasound Imaging
• Printers
• Industrial Controls and Measurement
• Piezoelectric Transducer Drivers
Figure 1. Block Diagram
Description
The CPC7601 is a low charge injection 16-channel
high-voltage analog switch integrated circuit (IC) for
use in applications requiring high voltage switching.
Control of the high voltage switching is via low voltage
CMOS logic level inputs for direct connectivity to the
system controller.
Switch manipulation is managed by a 16-bit serial to
parallel shift register whose outputs are buffered and
stored by a 16-bit transparent latch. Level shifters
buffer the latch outputs and operate the high voltage
switches.
Because the CPC7601 is capable of switching high
load voltages and has a flexible load voltage range,
e.g. VPP/VNN : +40V/-160V or +100V/-100V, it is well
suited for many medical and industrial applications
such as medical ultrasound imaging, printers, and
industrial measurement equipment.
Construction of the high voltage switches using IXYS
Integrated Circuits Division's reliable SOI BCDMOS
process technology allows the switches to be
organized as solid state switches with direct gate
drive.
Ordering Information
CLK
D
CL
LE
CL
D
LE
CL
D
LE
CL
D
LE
CL
D
LE
CL
D
LE
CL
D
LE
CL
D
LE
SW0
SW1
SW2
SW3
SW4
SW5
SW6
SW15
DIN
DOUT
CL
LE
V
NN
V
PP
SR0
SR15
SR1
SR2
SR3
SR4
SR5
SR6
LS0
LS15
LS1
LS2
LS3
LS4
LS5
LS6
L0
L15
L1
L2
L3
L4
L5
L6
LATCHES
SHIFT
REGISTER
SWITCHES
LEVEL
SHIFTERS
Part Number Description
CPC7601K
48-Pin LQFP in Trays (250/Tray)
CPC7601KTR
48-Pin LQFP Tape & Reel (2000/Reel)
e3
Pb
CPC7601
Low Charge Injection, 16-Channel
High Voltage Analog Switch


Similar Part No. - CPC7601K

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC7691 CLARE-CPC7691 Datasheet
481Kb / 17P
Line Card Access Switch
logo
IXYS Corporation
CPC7691 IXYS-CPC7691 Datasheet
266Kb / 16P
Drop-In Replacement for CPC7591
logo
Clare, Inc.
CPC7691BA CLARE-CPC7691BA Datasheet
481Kb / 17P
Line Card Access Switch
logo
IXYS Corporation
CPC7691BA IXYS-CPC7691BA Datasheet
266Kb / 16P
Drop-In Replacement for CPC7591
logo
Clare, Inc.
CPC7691BATR CLARE-CPC7691BATR Datasheet
481Kb / 17P
Line Card Access Switch
More results

Similar Description - CPC7601K

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV20220 SUTEX-HV20220 Datasheet
357Kb / 12P
Low Charge Injection 8-Channel High Voltage Analog Switch
HV2601 SUTEX-HV2601 Datasheet
505Kb / 7P
Low Charge Injection 16-Channel High Voltage Analog Switch
HV2203 SUTEX-HV2203 Datasheet
841Kb / 9P
Low Charge Injection, 8-Channel High Voltage Analog Switch
logo
Maxim Integrated Produc...
MAX14800 MAXIM-MAX14800 Datasheet
179Kb / 17P
Low-Charge Injection, 16-Channel, High-Voltage Analog Switches
Rev 0; 4/09
MAX14800 MAXIM-MAX14800_09 Datasheet
230Kb / 18P
Low-Charge Injection, 16-Channel, High-Voltage Analog Switches
Rev 1; 9/09
logo
IXYS Corporation
CPC7220 IXYS-CPC7220_12 Datasheet
1Mb / 14P
Low Charge Injection, 8-Channel High Voltage Analog Switch
logo
Microchip Technology
HV2601 MICROCHIP-HV2601 Datasheet
364Kb / 18P
Low-Charge Injection, 16-Channel, High-Voltage Analog Switch
07/14/15
logo
Maxim Integrated Produc...
MAX14800 MAXIM-MAX14800_V01 Datasheet
857Kb / 20P
Low-Charge Injection, 16-Channel, High-Voltage Analog Switches
2021
logo
Microchip Technology
HV2601 MICROCHIP-HV2601_V01 Datasheet
455Kb / 26P
Low-Charge Injection, 16-Channel, High-Voltage Analog Switch
Revision E (May 2022)
HV2621 MICROCHIP-HV2621 Datasheet
726Kb / 26P
300V, Low-Charge Injection, 16-Channel, High-Voltage Analog Switch
Revision A September 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com