Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV2621 Datasheet (PDF) - Microchip Technology

HV2621 Datasheet PDF - Microchip Technology
Part # HV2621
Download  HV2621 Download
File Size   726.49 Kbytes
Page   26 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 300V, Low-Charge Injection, 16-Channel, High-Voltage Analog Switch

HV2621 Datasheet (PDF)

Go To PDF Page Download Datasheet
HV2621 Datasheet PDF - Microchip Technology

Part # HV2621
Download  HV2621 Click to download

File Size   726.49 Kbytes
Page   26 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 300V, Low-Charge Injection, 16-Channel, High-Voltage Analog Switch

HV2621 Datasheet (HTML) - Microchip Technology


HV2621 Product details

Features
• 300V,16-Channel High-Voltage Analog Switch
• 3.3V or 5.0V CMOS Input Logic Level
• 33 MHz Data Shift Clock Frequency
• Very Low Quiescent Current (10 μA)
• Low Parasitic Capacitance
• DC to 50 MHz Analog Small-Signal Frequency
• -60 dB Typical Off Isolation at 5.0 MHz
• Excellent Noise Immunity
• Cascadable Serial Data Register with Latches
• Flexible Operating Supply Voltage
• Integrated Bleed Resistors on the Outputs (both
sides for HV2721, one side only for HV2722)

Applications
• Medical Ultrasound Imaging
• Nondestructive Testing (NDT) Metal Flaw
Detection
• Multi-Layer Printed Circuit Board (PCB) Tester
• Piezoelectric Transducer Drivers
• Inkjet Printer Head
• Optical MEMS Module




Similar Part No. - HV2621

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV2601 SUTEX-HV2601 Datasheet
505Kb / 7P
Low Charge Injection 16-Channel High Voltage Analog Switch
logo
Microchip Technology
HV2601 MICROCHIP-HV2601 Datasheet
364Kb / 18P
Low-Charge Injection, 16-Channel, High-Voltage Analog Switch
07/14/15
HV2601 MICROCHIP-HV2601 Datasheet
455Kb / 26P
Low-Charge Injection, 16-Channel, High-Voltage Analog Switch
Revision E (May 2022)
HV2601BD-G-M931 MICROCHIP-HV2601BD-G-M931 Datasheet
455Kb / 26P
Low-Charge Injection, 16-Channel, High-Voltage Analog Switch
Revision E (May 2022)
HV2601BD-G-M936 MICROCHIP-HV2601BD-G-M936 Datasheet
455Kb / 26P
Low-Charge Injection, 16-Channel, High-Voltage Analog Switch
Revision E (May 2022)
More results


Similar Description - HV2621

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV20220 SUTEX-HV20220 Datasheet
357Kb / 12P
Low Charge Injection 8-Channel High Voltage Analog Switch
HV2601 SUTEX-HV2601 Datasheet
505Kb / 7P
Low Charge Injection 16-Channel High Voltage Analog Switch
HV2203 SUTEX-HV2203 Datasheet
841Kb / 9P
Low Charge Injection, 8-Channel High Voltage Analog Switch
logo
Maxim Integrated Produc...
MAX14800 MAXIM-MAX14800 Datasheet
179Kb / 17P
Low-Charge Injection, 16-Channel, High-Voltage Analog Switches
Rev 0; 4/09
MAX14800 MAXIM-MAX14800_09 Datasheet
230Kb / 18P
Low-Charge Injection, 16-Channel, High-Voltage Analog Switches
Rev 1; 9/09
logo
IXYS Corporation
CPC7220 IXYS-CPC7220_12 Datasheet
1Mb / 14P
Low Charge Injection, 8-Channel High Voltage Analog Switch
CPC7601 IXYS-CPC7601 Datasheet
982Kb / 11P
Low Charge Injection, 16-Channel High Voltage Analog Switch
logo
Microchip Technology
HV2601 MICROCHIP-HV2601 Datasheet
364Kb / 18P
Low-Charge Injection, 16-Channel, High-Voltage Analog Switch
07/14/15
logo
Maxim Integrated Produc...
MAX14800 MAXIM-MAX14800_V01 Datasheet
857Kb / 20P
Low-Charge Injection, 16-Channel, High-Voltage Analog Switches
2021
logo
Microchip Technology
HV2601 MICROCHIP-HV2601_V01 Datasheet
455Kb / 26P
Low-Charge Injection, 16-Channel, High-Voltage Analog Switch
Revision E (May 2022)
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com