Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV2621 Datasheet(PDF) 1 Page - Microchip Technology

Part # HV2621
Description  300V, Low-Charge Injection, 16-Channel, High-Voltage Analog Switch
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HV2621 Datasheet(HTML) 1 Page - Microchip Technology

  HV2621 Datasheet HTML 1Page - Microchip Technology HV2621 Datasheet HTML 2Page - Microchip Technology HV2621 Datasheet HTML 3Page - Microchip Technology HV2621 Datasheet HTML 4Page - Microchip Technology HV2621 Datasheet HTML 5Page - Microchip Technology HV2621 Datasheet HTML 6Page - Microchip Technology HV2621 Datasheet HTML 7Page - Microchip Technology HV2621 Datasheet HTML 8Page - Microchip Technology HV2621 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
 2019 Microchip Technology Inc.
DS20006082A-page 1
HV2621/HV2721/HV2722
Features
• 300V,16-Channel High-Voltage Analog Switch
• 3.3V or 5.0V CMOS Input Logic Level
• 33 MHz Data Shift Clock Frequency
• Very Low Quiescent Current (10 µA)
• Low Parasitic Capacitance
• DC to 50 MHz Analog Small-Signal Frequency
• -60 dB Typical Off Isolation at 5.0 MHz
• Excellent Noise Immunity
• Cascadable Serial Data Register with Latches
• Flexible Operating Supply Voltage
• Integrated Bleed Resistors on the Outputs (both
sides for HV2721, one side only for HV2722)
Applications
• Medical Ultrasound Imaging
• Nondestructive Testing (NDT) Metal Flaw
Detection
• Multi-Layer Printed Circuit Board (PCB) Tester
• Piezoelectric Transducer Drivers
• Inkjet Printer Head
• Optical MEMS Module
General Description
The HV2621/HV2721/HV2722 devices are 300V,
low-charge injection, 16-channel, high-voltage analog
switches. These devices are designed for use in
applications
requiring
high-voltage
switching
controlled by low-voltage control signals, such as
medical ultrasound imaging, piezoelectric transducer
drivers. HV2621/HV2721 are almost identical to
HV2601/2701 but have larger signal range. If the
VPP/VNN = ±150V, HV2621/HV2721/HV2722 can pass
the analog signal up to ±135V.
The HV2721 has integrated bleed resistors on both
sides of the switches. HV2722 has integrated bleed
resistors on one side, SWxA only. HV2621 has no
bleed resistors. The bleed resistor eliminates voltage
build-up on capacitive loads such as piezoelectric
transducers.
Input data are shifted into a 16-bit shift register that
can then be retained in a 16-bit latch. To change all the
switch state at the same time, the latch enable bar
should be left high until all bits are clocked in. The
input data are clocked in at the rising edge of the
clock. After all bits are clocked in to the shift register, a
negative pulse of the latch enable bar changes all the
switch ON/OFF states defined by input data at the
same time. Using the HVCMOS technology, these
devices combine 300V high-voltage bilateral DMOS
switches and low-power CMOS logic to provide
efficient control of high-voltage analog signals.
These devices are suitable for various combinations of
high-voltage supplies, e.g., VPP/VNN: +60V/-240V,
+150V/-150V, and +260V/-40V.
Package Types
1
64
HV2621/HV2721/HV2722
9x9x1.0mm QFN
(TOP VIEW)
300V, Low-Charge Injection, 16-Channel,
High-Voltage Analog Switch


Similar Part No. - HV2621

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV2601 SUTEX-HV2601 Datasheet
505Kb / 7P
Low Charge Injection 16-Channel High Voltage Analog Switch
logo
Microchip Technology
HV2601 MICROCHIP-HV2601 Datasheet
364Kb / 18P
Low-Charge Injection, 16-Channel, High-Voltage Analog Switch
07/14/15
HV2601 MICROCHIP-HV2601 Datasheet
455Kb / 26P
Low-Charge Injection, 16-Channel, High-Voltage Analog Switch
Revision E (May 2022)
HV2601BD-G-M931 MICROCHIP-HV2601BD-G-M931 Datasheet
455Kb / 26P
Low-Charge Injection, 16-Channel, High-Voltage Analog Switch
Revision E (May 2022)
HV2601BD-G-M936 MICROCHIP-HV2601BD-G-M936 Datasheet
455Kb / 26P
Low-Charge Injection, 16-Channel, High-Voltage Analog Switch
Revision E (May 2022)
More results

Similar Description - HV2621

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV20220 SUTEX-HV20220 Datasheet
357Kb / 12P
Low Charge Injection 8-Channel High Voltage Analog Switch
HV2601 SUTEX-HV2601 Datasheet
505Kb / 7P
Low Charge Injection 16-Channel High Voltage Analog Switch
HV2203 SUTEX-HV2203 Datasheet
841Kb / 9P
Low Charge Injection, 8-Channel High Voltage Analog Switch
logo
Maxim Integrated Produc...
MAX14800 MAXIM-MAX14800 Datasheet
179Kb / 17P
Low-Charge Injection, 16-Channel, High-Voltage Analog Switches
Rev 0; 4/09
MAX14800 MAXIM-MAX14800_09 Datasheet
230Kb / 18P
Low-Charge Injection, 16-Channel, High-Voltage Analog Switches
Rev 1; 9/09
logo
IXYS Corporation
CPC7220 IXYS-CPC7220_12 Datasheet
1Mb / 14P
Low Charge Injection, 8-Channel High Voltage Analog Switch
CPC7601 IXYS-CPC7601 Datasheet
982Kb / 11P
Low Charge Injection, 16-Channel High Voltage Analog Switch
logo
Microchip Technology
HV2601 MICROCHIP-HV2601 Datasheet
364Kb / 18P
Low-Charge Injection, 16-Channel, High-Voltage Analog Switch
07/14/15
logo
Maxim Integrated Produc...
MAX14800 MAXIM-MAX14800_V01 Datasheet
857Kb / 20P
Low-Charge Injection, 16-Channel, High-Voltage Analog Switches
2021
logo
Microchip Technology
HV2601 MICROCHIP-HV2601_V01 Datasheet
455Kb / 26P
Low-Charge Injection, 16-Channel, High-Voltage Analog Switch
Revision E (May 2022)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com