Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV2621 Datasheet(PDF) 13 Page - Microchip Technology

Part # HV2621
Description  300V, Low-Charge Injection, 16-Channel, High-Voltage Analog Switch
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HV2621 Datasheet(HTML) 13 Page - Microchip Technology

Back Button HV2621 Datasheet HTML 9Page - Microchip Technology HV2621 Datasheet HTML 10Page - Microchip Technology HV2621 Datasheet HTML 11Page - Microchip Technology HV2621 Datasheet HTML 12Page - Microchip Technology HV2621 Datasheet HTML 13Page - Microchip Technology HV2621 Datasheet HTML 14Page - Microchip Technology HV2621 Datasheet HTML 15Page - Microchip Technology HV2621 Datasheet HTML 16Page - Microchip Technology HV2621 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
 2019 Microchip Technology Inc.
DS20006082A-page 13
HV2621/HV2721/HV2722
4.0
TYPICAL PERFORMANCE CURVES
Note: Unless otherwise indicated, VPP = +150V, VNN = -150V, VDD = 5.0V, TA =25°C.
FIGURE 4-1:
IPP/INN vs. Switching
Frequency.
FIGURE 4-2:
IPPQ/INNQ vs. Temperature.
FIGURE 4-3:
IDDQ vs. Temperature.
FIGURE 4-4:
TON/TOFF vs. Temperature.
FIGURE 4-5:
IDD vs. CLK Frequency.
FIGURE 4-6:
KO vs. Frequency with 50Ω
Load.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com