Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLP2N06CL Datasheet(PDF) 1 Page - Motorola, Inc

Part # MLP2N06CL
Description  VOLTAGE CLAMPED CURRENT LIMITING MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MLP2N06CL Datasheet(HTML) 1 Page - Motorola, Inc

  MLP2N06CL Datasheet HTML 1Page - Motorola, Inc MLP2N06CL Datasheet HTML 2Page - Motorola, Inc MLP2N06CL Datasheet HTML 3Page - Motorola, Inc MLP2N06CL Datasheet HTML 4Page - Motorola, Inc MLP2N06CL Datasheet HTML 5Page - Motorola, Inc MLP2N06CL Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Motorola TMOS Power MOSFET Transistor Device Data
Designer's™ Data Sheet
SMARTDISCRETES
™
Internally Clamped, Current Limited
N–Channel Logic Level Power MOSFET
The MLP2N06CL is designed for applications that require a rugged power switching
device with short circuit protection that can be directly interfaced to a microcontrol unit
(MCU). Ideal applications include automotive fuel injector driver, incandescent lamp
driver or other applications where a high in–rush current or a shorted load condition could
occur.
This logic level power MOSFET features current limiting for short circuit protection,
integrated Gate–Source clamping for ESD protection and integral Gate–Drain clamping
for over–voltage protection and Sensefet technology for low on–resistance. No additional
gate series resistance is required when interfacing to the output of a MCU, but a 40 k
Ω
gate pulldown resistor is recommended to avoid a floating gate condition.
The internal Gate–Source and Gate–Drain clamps allow the device to be applied
without use of external transient suppression components. The Gate–Source clamp
protects the MOSFET input from electrostatic voltage stress up to 2.0 kV. The
Gate–Drain clamp protects the MOSFET drain from the avalanche stress that occurs
with inductive loads. Their unique design provides voltage clamping that is essentially
independent of operating temperature.
The MLP2N06CL is fabricated using Motorola’s SMARTDISCRETES
™ technology which
combines the advantages of a power MOSFET output device with the on–chip protective
circuitry that can be obtained from a standard MOSFET process. This approach offers an
economical means of providing protection to power MOSFETs from harsh automotive and
industrial environments. SMARTDISCRETES
™ devices are specified over a wide tempera-
ture range from –50
°C to 150°C.
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Drain–to–Source Voltage
VDSS
Clamped
Vdc
Drain–to–Gate Voltage (RGS = 1.0 MΩ)
VDGR
Clamped
Vdc
Gate–to–Source Voltage — Continuous
VGS
±10
Vdc
Drain Current — Continuous @ TC = 25°C
ID
Self–limited
Adc
Total Power Dissipation @ TC = 25°C
PD
40
Watts
Electrostatic Voltage
ESD
2.0
kV
Operating and Storage Temperature Range
TJ, Tstg
–50 to 150
°C
THERMAL CHARACTERISTICS
Maximum Junction Temperature
TJ(max)
150
°C
Thermal Resistance – Junction to Case
R
θJC
3.12
°C/W
Maximum Lead Temperature for Soldering Purposes,
1/8
″ from case for 5 sec.
TL
260
°C
DRAIN–TO–SOURCE AVALANCHE CHARACTERISTICS
Single Pulse Drain–to–Source Avalanche Energy
(Starting TJ = 25°C, ID = 2.0 A, L = 40 mH)
EAS
80
mJ
SMARTDISCRETES is a trademark of Motorola, Inc.
Designer’s Data for “Worst Case” Conditions — The Designer’s Data Sheet permits the design of most circuits entirely from the information presented. SOA Limit
curves — representing boundaries on device characteristics — are given to facilitate “worst case” design.
Preferred devices are Motorola recommended choices for future use and best overall value.
Order this document
by MLP2N06CL/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
MLP2N06CL
Motorola Preferred Device
VOLTAGE CLAMPED
CURRENT LIMITING
MOSFET
62 VOLTS (CLAMPED)
RDS(on) = 0.4 OHMS
CASE 221A–06, Style 5
TO–220AB
G
D
S
D
G
S
R1
R2
© Motorola, Inc. 1996


Similar Part No. - MLP2N06CL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MLP2N06CL ONSEMI-MLP2N06CL Datasheet
80Kb / 7P
SMARTDISCRETES TM MOSFET 2 Amps, 62 Volts, Logic Level N?묬hannel TO??20
January, 2006 ??Rev. 2
MLP2N06CLG ONSEMI-MLP2N06CLG Datasheet
80Kb / 7P
SMARTDISCRETES TM MOSFET 2 Amps, 62 Volts, Logic Level N?묬hannel TO??20
January, 2006 ??Rev. 2
More results

Similar Description - MLP2N06CL

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MLD1N06CL MOTOROLA-MLD1N06CL Datasheet
163Kb / 6P
VOLTAGE CLAMPED CURRENT LIMITING MOSFET
MLD2N06CL MOTOROLA-MLD2N06CL Datasheet
194Kb / 6P
VOLTAGE CLAMPED CURRENT LIMITING MOSFET
MLP1N06CL MOTOROLA-MLP1N06CL Datasheet
136Kb / 6P
VOLTAGE CLAMPED CURRENT LIMITING MOSFET
logo
Diotec Semiconductor
CL20M45 DIOTEC-CL20M45 Datasheet
97Kb / 2P
Current Limiting Diodes
logo
Alpha & Omega Semicondu...
AOT502 AOSMD-AOT502 Datasheet
321Kb / 7P
Clamped N-Channel MOSFET
logo
Digitron Semiconductors
CCL0035 DIGITRON-CCL0035 Datasheet
73Kb / 1P
CURRENT LIMITING DIODE
logo
Diotec Semiconductor
CL20M35 DIOTEC-CL20M35_13 Datasheet
100Kb / 2P
Current Limiting Diodes
logo
STMicroelectronics
STEVAL-ILL054V2 STMICROELECTRONICS-STEVAL-ILL054V2 Datasheet
218Kb / 4P
Internal current limiting
27-May-2016
L6985F STMICROELECTRONICS-L6985F Datasheet
1Mb / 65P
Internal current limiting
17-Feb-2016
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com