Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADSP-2191M Datasheet(PDF) 42 Page - Analog Devices

Part # ADSP-2191M
Description  DSP Microcomputer
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-2191M Datasheet(HTML) 42 Page - Analog Devices

Back Button ADSP-2191M Datasheet HTML 38Page - Analog Devices ADSP-2191M Datasheet HTML 39Page - Analog Devices ADSP-2191M Datasheet HTML 40Page - Analog Devices ADSP-2191M Datasheet HTML 41Page - Analog Devices ADSP-2191M Datasheet HTML 42Page - Analog Devices ADSP-2191M Datasheet HTML 43Page - Analog Devices ADSP-2191M Datasheet HTML 44Page - Analog Devices ADSP-2191M Datasheet HTML 45Page - Analog Devices ADSP-2191M Datasheet HTML 46Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 52 page
background image
ADSP-2191M
–42–
REV. 0
The output disable time tDIS is the difference between
tMEASURED and tDECAY as shown in Figure 26. The time
tMEASURED is the interval from when the reference signal
switches to when the output voltage decays –V from the measured
output high or output low voltage. The tDECAY is calculated with
test loads CL and IL, and with –V equal to 0.5 V.
Output Enable Time
Output pins are considered to be enabled when they have made
a transition from a high impedance state to when they start
driving. The output enable time tENA is the interval from when
a reference signal reaches a high or low voltage level to when the
output has reached a specified high or low trip point, as shown
in the Output Enable/Disable diagram (Figure 26). If multiple
pins (such as the data bus) are enabled, the measurement value
is that of the first pin to start driving.
Example System Hold Time Calculation
To determine the data output hold time in a particular system,
first calculate tDECAY using the equation at Output Disable Time
on page 41. Choose –V to be the difference between the
ADSP-2191M’s output voltage and the input threshold for the
device requiring the hold time. A typical –V will be 0.4 V. CL is
the total bus capacitance (per data line), and IL is the total leakage
or three-state current (per data line). The hold time will be
tDECAY plus the minimum disable time (i.e., tDATRWH for the
write cycle).
Capacitive Loading
Output delays and holds are based on standard capacitive loads:
50 pF on all pins (see Figure 30). The delay and hold specifica-
tions given should be derated by a factor of 1.5 ns/50 pF for loads
other than the nominal value of 50 pF. Figure 28 and Figure 29
show how output rise time varies with capacitance. These figures
also show graphically how output delays and holds vary with load
capacitance. (Note that this graph or derating does not apply to
output disable delays; see Output Disable Time on page 41.) The
graphs in these figures may not be linear outside the ranges
shown.
Environmental Conditions
The thermal characteristics in which the DSP is operating
influence performance.
Thermal Characteristics
The ADSP-2191M comes in a 144-lead LQFP or 144-lead Ball
Grid Array (mini-BGA) package. The ADSP-2191M is specified
for an ambient temperature (TAMB) as calculated using the
formula below.
To ensure that the TAMB data sheet specification is not exceeded,
a heatsink and/or an air flow source may be used. A heatsink
should be attached to the ground plane (as close as possible to
the thermal pathways) with a thermal adhesive.
Figure 26. Output Enable/Disable
Figure 27. Equivalent Device Loading for AC
Measurements (Includes All Fixtures)
Figure 28. Voltage Reference Levels for AC
Measurements (Except Output Enable/Disable)
REFERENCE
SIGNAL
tDIS
OUTPUT STARTS
DRIVING
VOH (MEASURED) – V
VOL (MEASURED) + V
tMEASURED
VOH (MEASURED)
VOL (MEASURED)
2.0V
1.0V
HIGH-IMPEDANCE STATE.
TEST CONDITIONS CAUSE THIS VOLTAGE
TO BE APPROXIMATELY 1.5V
OUTPUT STOPS
DRIVING
tDECAY
tENA
+1.5V
50pF
TO
OUTPUT
PIN
IOL
IOH
INPUT
OR
OUTPUT
1.5V
1.5V
Figure 29. Typical Output Rise Time (10%-90%,
VDDEXT = Minimum at Maximum Ambient
Operating Temperature) vs. Load Capacitance
40
0
30
20
10
LOAD CAPACITANCE – pF
0250
50
100
150
200
RISE TIME
T
AMB
T
CASE
=
PD
θ
CA
×
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com