Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADSP-2191M Datasheet(PDF) 15 Page - Analog Devices

Part # ADSP-2191M
Description  DSP Microcomputer
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-2191M Datasheet(HTML) 15 Page - Analog Devices

Back Button ADSP-2191M Datasheet HTML 11Page - Analog Devices ADSP-2191M Datasheet HTML 12Page - Analog Devices ADSP-2191M Datasheet HTML 13Page - Analog Devices ADSP-2191M Datasheet HTML 14Page - Analog Devices ADSP-2191M Datasheet HTML 15Page - Analog Devices ADSP-2191M Datasheet HTML 16Page - Analog Devices ADSP-2191M Datasheet HTML 17Page - Analog Devices ADSP-2191M Datasheet HTML 18Page - Analog Devices ADSP-2191M Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 52 page
background image
–15–
REV. 0
ADSP-2191M
Design-for-Emulation Circuit Information
For details on target board design issues including: single
processor connections, multiprocessor scan chains, signal buff-
ering, signal termination, and emulator pod logic, see the EE-68:
Analog Devices JTAG Emulation Technical Reference on the Analog
Devices website (www.analog.com)—use site search on
“EE-68.” This document is updated regularly to keep pace with
improvements to emulator support.
Additional Information
This data sheet provides a general overview of the ADSP-2191M
architecture and functionality. For detailed information on the
core architecture of the ADSP-219x family, refer to the
ADSP-219x/2191 DSP Hardware Reference. For details on the
instruction set, refer to the ADSP-219x Instruction Set Reference.
PIN FUNCTION DESCRIPTIONS
ADSP-2191M pin definitions are listed in Table 7. All
ADSP-2191M inputs are asynchronous and can be asserted
asynchronously to CLKIN (or to TCK for
TRST).
Tie or pull unused inputs to VDDEXT or GND, except for
ADDR21–0, DATA15–0, PF7-0, and inputs that have internal
pull-up or pull-down resistors (
TRST, BMODE0, BMODE1,
OPMODE, BYPASS, TCK, TMS, TDI, and
RESET)—these
pins can be left floating. These pins have a logic-level hold circuit
that prevents input from floating internally.
The following symbols appear in the Type column of Table : G
= Ground, I = Input, O = Output, P = Power Supply, and T =
Three-State.
Figure 7. JTAG Pod Connector Keep-Out Area
0.10"
0.15"
Table 7. Pin Function Descriptions
Pin
Type
Function
A21–0
O/T
External Port Address Bus
D7–0
I/O/T
External Port Data Bus, least significant 8 bits
D15
/PF15
/SPI1SEL7
I/O/T
I/O
I
Data 15 (if 16-bit external bus)/Programmable Flags 15 (if 8-bit external bus)/SPI1 Slave
Select output 7 (if 8-bit external bus, when SPI1 enabled)
D14
/PF14
/SPI0SEL7
I/O/T
I/O
I
Data 14 (if 16-bit external bus)/Programmable Flags 14 (if 8-bit external bus)/SPI0 Slave
Select output 7 (if 8-bit external bus, when SPI0 enabled)
D13
/PF12
/SPI1SEL6
I/O/T
I/O
I
Data 13 (if 16-bit external bus)/Programmable Flags 13 (if 8-bit external bus)/SPI1 Slave
Select output 6 (if 8-bit external bus, when SPI1 enabled)
D12
/PF12
/SPI0SEL6
I/O/T
I/O
I
Data 12 (if 16-bit external bus)/Programmable Flags 12 (if 8-bit external bus)/SPI0 Slave
Select output 6 (if 8-bit external bus, when SPI0 enabled)
D11
/PF11
/SPI1SEL5
I/O/T
I/O
I
Data 11 (if 16-bit external bus)/Programmable Flags 11 (if 8-bit external bus)/SPI1 Slave
Select output 5 (if 8-bit external bus, when SPI1 enabled)
D10
/PF10
/SPI0SEL5
I/O/T
I/O
I
Data 10 (if 16-bit external bus)/Programmable Flags 10 (if 8-bit external bus)/SPI0 Slave
Select output 5 (if 8-bit external bus, when SPI0 enabled)
D9
/PF9
/SPI1SEL4
I/O/T
I/O
I
Data 9 (if 16-bit external bus)/Programmable Flags 9 (if 8-bit external bus)/SPI1 Slave Select
output 4 (if 8-bit external bus, when SPI1 enabled)
D8
/PF8
/SPI0SEL4
I/O/T
I/O
I
Data 8 (if 16-bit external bus)/Programmable Flags 8 (if 8-bit external bus)/SPI0 Slave Select
output 4 (if 8-bit external bus, when SPI0 enabled)
PF7
/SPI1SEL3
/DF
I/O/T
I
I
Programmable Flags 7/SPI1 Slave Select output 3 (when SPI0 enabled)/Divisor Frequency
(divisor select for PLL input during boot)
PF6
/SPI0SEL3
/MSEL6
I/O/T
I
I
Programmable Flags 6/SPI0 Slave Select output 3 (when SPI0 enabled)/Multiplier Select 6
(during boot)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com