Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMAS40G10D Datasheet(PDF) 1 Page - Motorola, Inc

Part # MMAS40G10D
Description  MICROMACHINED ACCELEROMETER 짹40g
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MMAS40G10D Datasheet(HTML) 1 Page - Motorola, Inc

  MMAS40G10D Datasheet HTML 1Page - Motorola, Inc MMAS40G10D Datasheet HTML 2Page - Motorola, Inc MMAS40G10D Datasheet HTML 3Page - Motorola, Inc MMAS40G10D Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Motorola Sensor Device Data
Micromachined Accelerometer
±40g
The MMAS40G family of silicon capacitive, micro–machined accelerometers
features integral signal amplification, signal conditioning, a 4–pole low–pass
filter and temperature compensation. Zero–G offset, full scale span and filter
roll–off are factory set and require no external passives. A calibrated self–test
feature mechanically displaces the seismic mass with the application of a digital
self–test signal.
The MMAS40G incorporates a single polysilicon seismic mass, suspended
between two fixed polysilicon plates (G–cell). The forces of acceleration move
the seismic mass, thereby resulting in a change in capacitance. The G–cell is
sealed at the wafer level, creating a particle–free environment. The G–cell
features built–in damping and over–range stops to protect it from mechanical
shock.
MMAS40G accelerometers are ideally suited for automotive crash detection
and recording, vibration monitoring, automotive suspension control, appliance
control systems, etc.
Features
• Minimum Full Scale Measurement ±40g
• Calibrated, True Self–Test
• Standard 16–Pin Plastic DIP package
• Senses Perpendicular to the Printed Circuit Board
• Integral Signal Conditioning and 4–Pole Filter
• Linear Output
• Robust, High Shock Survivability
SIMPLIFIED BLOCK DIAGRAM
g
G–CELL
4
SELF–TEST
+
+
8VS
+
A
LOW–PASS FILTER
6
BYPASS
TEMPERATURE
COMPENSATION
5
OUTPUT
7
GND
Order this document
by MMAS40G10D/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
PIN NUMBER (DIP)
MMAS40G10D
DIP PACKAGE
CASE 648C–03
MICROMACHINED
ACCELEROMETER
±40g
1
N/C (1)
9
N/C (1)
2
N/C (1)
10
N/C (1)
3
N/C (1)
11
N/C (1)
4
Self–Test
12
N/C (1)
5
Output
13
N/C (1)
6
Bypass (2)
14
N/C (1)
7
GND
15
N/C (1)
8VS (2)
16
N/C (1)
NOTES:
1. Internal connections. All N/C should be
tied to gnd, except pin 11 which must be
tied to pin 8.
2. Bypass to ground with 0.1
µF ceramic
capacitor for specified system perfor-
mance.
1
2 3
4 5
6 7
8
9
10
11
12
13
14
15
16
© Motorola, Inc. 1997
REV 1


Similar Part No. - MMAS40G10D

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMAS40GWB MOTOROLA-MMAS40GWB Datasheet
85Kb / 4P
MICROMACHINED ACCELEROMETER 짹40g AMPLIFIED
More results

Similar Description - MMAS40G10D

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMAS40GWB MOTOROLA-MMAS40GWB Datasheet
85Kb / 4P
MICROMACHINED ACCELEROMETER 짹40g AMPLIFIED
XMMA1000P MOTOROLA-XMMA1000P Datasheet
161Kb / 8P
MICROMACHINED ACCELEROMETER
MMA1201P MOTOROLA-MMA1201P Datasheet
267Kb / 8P
MICROMACHINED ACCELEROMETER
MMA1220D MOTOROLA-MMA1220D Datasheet
156Kb / 8P
Low G Micromachined Accelerometer
logo
Freescale Semiconductor...
MMA1210 FREESCALE-MMA1210 Datasheet
287Kb / 10P
Surface Mount Micromachined Accelerometer
logo
NXP Semiconductors
MMA1201P NXP-MMA1201P Datasheet
328Kb / 8P
Micromachined Accelerometer
REV 0
MMA2201KEG NXP-MMA2201KEG Datasheet
176Kb / 11P
Low-g Micromachined Accelerometer
Rev 1, 08/2012
MMA2301KEG NXP-MMA2301KEG Datasheet
166Kb / 11P
Surface Mount Micromachined Accelerometer
Rev 1, 11/2012
MMA3202KEG NXP-MMA3202KEG Datasheet
181Kb / 11P
Surface Mount Micromachined Accelerometer
Rev 1, 11/2012
MMA1211KEG NXP-MMA1211KEG Datasheet
180Kb / 10P
Surface Mount Micromachined Accelerometer
Rev 0, 08/2011
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com