Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMAS40G10D Datasheet(PDF) 2 Page - Motorola, Inc

Part # MMAS40G10D
Description  MICROMACHINED ACCELEROMETER 짹40g
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MMAS40G10D Datasheet(HTML) 2 Page - Motorola, Inc

  MMAS40G10D Datasheet HTML 1Page - Motorola, Inc MMAS40G10D Datasheet HTML 2Page - Motorola, Inc MMAS40G10D Datasheet HTML 3Page - Motorola, Inc MMAS40G10D Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MMAS40G10D
2
Motorola Sensor Device Data
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Acceleration (biased each axis)
G
±500
g
Acceleration (unbiased each axis)
G
±2000
g
Supply Voltage
VSmax
–0.3 to +7.0
Vdc
Storage Temperature
Tstg
– 40 to +105
°C
Operating Temperature(6)
TA
– 40 to +85
°C
OPERATING CHARACTERISTICS (VS = 5.0 Vdc, TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
Acceleration Range
G
±40
±55
—
g
Output Drive Capability
—
– 0.2
—
0.2
mA
Supply Voltage
VS
4.75
5.0
5.25
V
Supply Current
IO
—
5.0
7.0
mA
Full Scale Output Range
VFSO
0.3
—
VS – 0.3
V
Sensitivity (over temperature range) (2) (3)
∆V/∆G
36
40
44
mV/g
Zero Acceleration Output (over temperature range) (3) (4)
Voff
2.2
2.5
2.8
V
Linearity
—
—
0.5
2.0
%FSO
Transverse Sensitivity
—
—
1.0
3.0
%FSO
Frequency Bandwidth
—
300
400
500
Hz
Noise
—
—
15
25
mVpk
Self–Test Output Equivalent (5)
GS
20
25
30
g
Self–Test Input Low
VSTL
—
—
1.6
V
Self–Test Input High
VSTH
3.4
—
—
V
Self–Test Input Current
—
10
70
200
µA
NOTES:
1. The output voltage increases from the Zero Acceleration Output for positive acceleration and decreases for negative acceleration. The
typical sensitivity is 40 mV/g. For example, with VS = 5.0 V, a + 20g input will result in a 3.3 V output. (Voutput = 2.5 + 0.040 x 20) and a – 20g
input will result in a 1.7 V output.
2. Sensitivity is a ratiometric parameter:
∆V/∆G(Vs) = ∆V/∆G(5 V) x (VS/5 V).
3. The compensated temperature operating range is – 40 to +85
°C.
4. Zero Acceleration Output is a ratiometric parameter: Voff(Vs) = Voff(5 V) x (VS / 5 V).
5. Equivalent output in response to a Logic Level One on the self–test pin.
6. Additional temperature range available. Consult factory.
ORDERING INFORMATION
Device
Temperature Range
Case No.
Package
MMAS40G10D
–40 to +85
°C
Case 648C–03
Plastic DIP



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com