Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT14 Datasheet(PDF) 14 Page - Analog Devices

Part # ADT14
Description  Quad Setpoint, Programmable Temperature Monitor and Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT14 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADT14 Datasheet HTML 8Page - Analog Devices ADT14 Datasheet HTML 9Page - Analog Devices ADT14 Datasheet HTML 10Page - Analog Devices ADT14 Datasheet HTML 11Page - Analog Devices ADT14 Datasheet HTML 12Page - Analog Devices ADT14 Datasheet HTML 13Page - Analog Devices ADT14 Datasheet HTML 14Page - Analog Devices ADT14 Datasheet HTML 15Page - Analog Devices ADT14 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
ADT14
–14–
REV. 0
Intelligent Temperature Control System—Interfacing the
8051
C with the ADT14
Connecting the 8051, or any modern microcontroller, with the
ADT14 yields a powerful temperature control tool. For ex-
ample, by using digitally controlled resistors (AD8402/3), a user
may automatically set the temperature trip points via computer
or touch pad. The ADT14 outputs are fed back to the controller
allowing it to sense whether or not a setpoint has been exceeded.
The higher temperature trip-point data can then be used to turn
on a fan to either a high or low setting. In addition, the lower
temperature trip-point data may be used to turn on a heater to
either a high or low setting.
The AD8403 is shown in a single ladder resistor configuration
with an additional fix resistor to set the voltages of all four
setpoints. The microcontroller program that runs the AD8403
can also be set to ensure that no out-of-bound conditions occur.
Finally, the AD8403 also has shutdown pin which, when acti-
vated, will lower power consumption to 5
µA max (0.01 µA
typical), while still retaining memory of the potentiometer set-
tings.
Power-Down in Battery Powered Applications
Battery powered applications require low power consumption
components. The ADT14 is just such a device. The low supply
current (< 600
µA) of the ADT14 makes it possible to power
the device from any suitable logic output pin. Figure 29 is a
schematic of an 'HC04 CMOS inverter driving the ADT14. When
the SLEEP pin is high, the ADT14 is powered down. Figure 5
shows a typical start-up response of an ADT14. Most tempera-
ture measurements vary slowly over time, which allows designs
P3.2
P3.1
P3.0
P3.3
P2.0
P2.1
P2.2
P2.3
P2.4
P1.0/INT2
P0.0 TO
P0.7
USER
INPUTS
CS
CLK
SDI
SHDN
VDD
GND
10 F
+5V
2.5VREF
SET1
SET2
SET3
SET4
HYS
TRIP1
TRIP2
TRIP3
TRIP4
VDD
GND
+5V
0.1 F
ADT14
AD8403
80CL51 C
TO 2ND
AD8403
RS
DIS
THR
TRIG
OUT
CONT
TLC555
VCC
GND
+5V
0.1 F
0.1 F
NC
NC = NO CONNECT
Figure 28. Typical Microcontroller Setup Configuration
that consume very little power over very long periods of time by
using a duty-cycling technique. The basic idea of the duty-
cycling technique is to simply measure the temperature at se-
lected time intervals and leave the device powered down the rest
of the time. Instead of a CMOS inverter, any other logic pin
with sufficient drive capability (such as the output of a micro-
processor) can be used to power on and off the ADT14.
ADT14
V+
'HC04
SLEEP
Figure 29. Using a CMOS Inverter to Power Down the
ADT14
Combining Trip Point Outputs to Yield 25%, 50%, 75%, and
100% Power Outputs
It is often desirable to power a device at varying levels based
upon ambient temperature. For example, suppose a liquid is
below a desired temperature, the lowest trip point temperature.
In this case, full power should be delivered to the heating ele-
ment, causing the temperature to rise as rapidly as possible.
When the lowest trip-point is finally crossed, a reduction in
power should occur, slowing the rate of increase in the heating
process. This process continues until all trip points are crossed
and the current to the heating element is reduced to zero.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com