Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCA715STR Datasheet(PDF) 3 Page - IXYS Corporation

Part # LCA715STR
Description  Single-Pole, Normally Open 6-Pin OptoMOS Relay
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

LCA715STR Datasheet(HTML) 3 Page - IXYS Corporation

  LCA715STR Datasheet HTML 1Page - IXYS Corporation LCA715STR Datasheet HTML 2Page - IXYS Corporation LCA715STR Datasheet HTML 3Page - IXYS Corporation LCA715STR Datasheet HTML 4Page - IXYS Corporation LCA715STR Datasheet HTML 5Page - IXYS Corporation LCA715STR Datasheet HTML 6Page - IXYS Corporation LCA715STR Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
INTEGRATED CIRCUITS DIVISION
LCA715
www.ixysic.com
3
R06
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please
contact our application department.
LED Forward Voltage (V)
1.235 1.240 1.245 1.250 1.255 1.260 1.265
0
5
10
15
20
25
30
Typical LED Forward Voltage Drop
(N=50, I
F=5mA)
Turn-On Time (ms)
0.55
0.60
0.65
0.70
0.75
0.80
0.85
0
5
10
15
20
Typical Turn-On Time Distribution
(N=50, I
F=5mA, IL=100mA)
Turn-Off Time (ms)
0.109 0.111 0.113 0.115 0.117 0.119 0.121
0
5
10
15
20
25
Typical Turn-Off Time Distribution
(N=50, I
F=5mA, IL=100mA)
LED Current (mA)
0.7
0.8
0.9
1.0
1.1
0
5
10
15
20
25
30
Typical I
F for Switch Operation
(N=50, I
L=100mA)
On-Resistance ( )
0.110
0.111
0.112
0.113
0.114
0.115
0
5
10
15
20
25
30
Typical On-Resistance Distribution
(N=50, I
F=5mA, IL=1A)
Blocking Voltage (V
P)
81
82
83
84
85
86
87
0
5
10
15
20
25
Typical Blocking Voltage Distribution
(N=50)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
1.1
1.2
1.3
1.4
1.5
1.6
Typical LED Forward Voltage
vs. Temperature
I
F=50mA
I
F=20mA
I
F=10mA
I
F=5mA
LED Forward Current (mA)
0
1020
304050
0.0
0.4
0.8
1.2
1.6
2.0
Typical Turn-On Time
vs. LED Forward Current
(I
L=100mA)
LED Forward Current (mA)
0
1020
304050
0.095
0.100
0.105
0.110
0.115
0.120
Typical Turn-Off Time
vs. LED Forward Current
(I
L=100mA)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0.7
0.8
0.9
1.0
1.1
1.2
1.3
LED Current to Operate
vs. Temperature
(I
L=1A)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0.2
0.3
0.4
0.5
0.6
0.7
0.8
Turn-On Time vs. Temperature
(I
L=100mA)
I
F=5mA
I
F=10mA
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0.08
0.09
0.10
0.11
0.12
0.13
0.14
0.15
Turn-Off Time vs. Temperature
(I
L=100mA)
I
F=10mA
I
F=5mA
PERFORMANCE DATA @25ºC (Unless Otherwise Noted)*



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com