Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCA715STR Datasheet(PDF) 4 Page - IXYS Corporation

Part # LCA715STR
Description  Single-Pole, Normally Open 6-Pin OptoMOS Relay
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

LCA715STR Datasheet(HTML) 4 Page - IXYS Corporation

  LCA715STR Datasheet HTML 1Page - IXYS Corporation LCA715STR Datasheet HTML 2Page - IXYS Corporation LCA715STR Datasheet HTML 3Page - IXYS Corporation LCA715STR Datasheet HTML 4Page - IXYS Corporation LCA715STR Datasheet HTML 5Page - IXYS Corporation LCA715STR Datasheet HTML 6Page - IXYS Corporation LCA715STR Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
4
R06
LCA715
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please
contact our application department.
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0.09
0.10
0.11
0.12
0.13
0.14
0.15
0.16
On-Resistance vs. Temperature
(I
F=5mA, IL=1A)
Load Voltage (V)
0.00
0.02
0.04
0.06
0.08
0.10
0.12
0.14
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
Typical Load Current vs. Load Voltage
DC-Only Configuration
(I
F=5mA)
Load Voltage (V)
-0.3
-0.2
-0.1
0.0
0.1
0.2
0.3
-3
-2
-1
0
1
2
3
Typical Load Current vs. Load Voltage
AC/DC Configuration
(I
F=5mA)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
Maximum Load Current
vs. Temperature
(I
F=5mA)
DC-Only Configuration
AC/DC Configuration
Temperature (ºC)
-40
-20
0
20
40
60
80
100
78
80
82
84
86
88
Blocking Voltage vs. Temperature
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0.000
0.005
0.010
0.015
0.020
Typical Leakage vs. Temperature
(V
L=60V)
Load Voltage (V)
0
1020
3040
5060
40
80
120
160
200
240
Output Capacitance vs. Load Voltage
( I
F=0mA, f=1MHz)
Time
10 s 100 s 1ms 10ms 100ms
1s
10s
100s
2
3
4
5
6
7
8
9
10
11
Energy Rating Curve
PERFORMANCE DATA @25ºC (Unless Otherwise Noted)*



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com