Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT14GS Datasheet(PDF) 12 Page - Analog Devices

Part # ADT14GS
Description  Quad Setpoint, Programmable Temperature Monitor and Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT14GS Datasheet(HTML) 12 Page - Analog Devices

Back Button ADT14GS Datasheet HTML 8Page - Analog Devices ADT14GS Datasheet HTML 9Page - Analog Devices ADT14GS Datasheet HTML 10Page - Analog Devices ADT14GS Datasheet HTML 11Page - Analog Devices ADT14GS Datasheet HTML 12Page - Analog Devices ADT14GS Datasheet HTML 13Page - Analog Devices ADT14GS Datasheet HTML 14Page - Analog Devices ADT14GS Datasheet HTML 15Page - Analog Devices ADT14GS Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
ADT14
–12–
REV. 0
By connecting the VPTAT output to the input of the AD654,
the 5 mV/K, temperature coefficient gives a sensitivity of
25 Hz/
°C, centered around 7.5 kHz at 25°C. The trimming
resistor, R2, is needed to calibrate the absolute accuracy of the
AD654. For more information on the converter, consult the
AD654 data sheet. An AD650 frequency-to-voltage converter
can be used to accurately convert the frequency back to a dc
voltage on the receiving end.
OSC
AD654
86
7
1
4
3
52
V+
C1
0.1 F
5k
Ω
V+
FOUT
R1
1.8k
Ω
R2
500
Ω
ADT14
VPTAT
Figure 23. Temperature-to-Frequency Converter
Isolation Amplifier
In many industrial applications the sensor is located in an envi-
ronment that needs to be electrically isolated from the central
processing area. Figure 24 shows a simple circuit that uses an
8-pin opto-isolator (IL300XC) that can operate across a 5,000
V barrier. IC1 (an OP290 single-supply amplifier) is used to
drive the LED connected between Pins 1 to 2. The feedback
actually comes from the photodiode connected to Pins 3 to 4.
The OP290 drives the LED such that there is enough current
generated in the photodiode to exactly equal the current derived
from the VPTAT voltage across the 470 k
Ω resistor. On the
receiving end, an OP90 converts the current from the second
photodiode to a voltage through its feedback resistor R2. Note
that the other amplifier in the dual OP290 is used to buffer the
2.5 V reference voltage of the ADT14 for an accurate, low drift
LED bias level without affecting the programmed hysteresis
current. A REF43 (a precision 2.5 V reference) provides an
accurate bias level at the receiving end.
To understand this circuit, it helps to examine the overall equa-
tion for the output voltage. First, the current (I1) in the photo-
diode is set by:
I1
=
2.5V –VPTAT
470 k
Ω
Note that the IL300XC has a gain of 0.73 (typical) with a min
and max of 0.693 and 0.769 respectively. Since this is less than
1.0, R2 must be larger than R1 to achieve overall unity gain. To
show this the full equation is:
VOUT = 2.5V – I2R2 = 2.5V –0.7
2.5V –VPTAT
470 k
Ω


×644 kΩ=VPTAT
A trim is included for R2 to correct for the initial gain accuracy
of the IL300XC. To perform this trim, simply adjust for an
output equal to VPTAT at any particular temperature. For
example, at room temperature, VPTAT = 1.49 V, so adjust R2
until VOUT = 1.49 V as well. Both the REF43 and the OP90
operate from a single supply, and contribute no significant error
due to drift.
In order to avoid the accuracy trim, and to reduce board space,
complete isolation amplifiers, such as the high accuracy AD202,
are available.
OP290
OP290
V+
ADT14
VREF
VPTAT
60µF
100
Ω
IN9148
I1
I2
IL300XC
1
2
3
4
OP90
ISOLATION
BARRIER
V+
2.5V
6
2
4
V+
604k
Ω
100k
Ω
680pF
1.16V TO 1.7V
R1
470k
Ω
REF43
Figure 24. Isolation Amplifier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com