Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT14GS Datasheet(PDF) 4 Page - Analog Devices

Part # ADT14GS
Description  Quad Setpoint, Programmable Temperature Monitor and Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT14GS Datasheet(HTML) 4 Page - Analog Devices

  ADT14GS Datasheet HTML 1Page - Analog Devices ADT14GS Datasheet HTML 2Page - Analog Devices ADT14GS Datasheet HTML 3Page - Analog Devices ADT14GS Datasheet HTML 4Page - Analog Devices ADT14GS Datasheet HTML 5Page - Analog Devices ADT14GS Datasheet HTML 6Page - Analog Devices ADT14GS Datasheet HTML 7Page - Analog Devices ADT14GS Datasheet HTML 8Page - Analog Devices ADT14GS Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
ADT14
–4–
REV. 0
–Typical Performance Characteristics
AIR VELOCITY – FPM
0
0
700
100
200
300
400
500
600
160
100
80
40
20
140
120
60
TRANSITION FROM +100
°C STIRRED OIL BATH
TO FORCED +25
°C AIR
V+ = +5V, NO LOAD
SOIC SOLDERED TO 0.6"
0.5" Cu PCB
PDIP IN SOLDERTAIL SOCKET
SOLDERED TO 0.8"
0.6" Cu PCB
Figure 2. Thermal Time Constant in Forced Air
TIME – sec
100
80
0
030
5
10152025
60
40
20
90
70
50
30
10
V+ = +5V, NO LOAD
SOIC SOLDERED TO 0.6"
0.5" Cu PCB
PDIP IN SOLDERTAIL SOCKET
SOLDERED TO 0.8"
0.6" Cu PCB
Figure 3. Thermal Response in Stirred Oil Bath
TEMPERATURE – C
5.0
4.5
3.0
75
175
25
25
75
125
4.0
3.5
START-UP VOLTAGE DEFINED AS OUTPUT VALUE
BEING WITHIN
5 C OF OUTPUT AT +5V
NO LOAD
Figure 4. Start-Up Voltage vs. Temperature
10
0%
40µs
500mV
100
90
5V
0V
1.5V
0V
VIN
VPTAT
Figure 5. Start-Up Response
5
3
5
50
150
25
25
50
75
125
1
1
3
4
2
0
2
4
100
0
MAX LIMIT
MIN LIMIT
V+ = +5V, NO LOAD
TEMPERATURE –
°C
Figure 6. Accuracy Error vs. Temperature, Stirred Oil Bath
SUPPLY VOLTAGE – V
600
0
016
2
4
6
8
10
12
14
500
400
300
200
100
TA = +25°C, NO LOAD
Figure 7. Supply Current vs. Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com