Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDA211 Datasheet(PDF) 1 Page - IXYS Corporation

Part # LDA211
Description  Dual Optocouplers, Unidirectional Input Darlington-Transistor Output
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

LDA211 Datasheet(HTML) 1 Page - IXYS Corporation

  LDA211 Datasheet HTML 1Page - IXYS Corporation LDA211 Datasheet HTML 2Page - IXYS Corporation LDA211 Datasheet HTML 3Page - IXYS Corporation LDA211 Datasheet HTML 4Page - IXYS Corporation LDA211 Datasheet HTML 5Page - IXYS Corporation LDA211 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
INTEGRATED CIRCUITS DIVISION
Dual Optocouplers, Unidirectional Input
Darlington-Transistor Output
www.ixysic.com
DS-LDA211-R05
1
LDA211
e3
Pb
Part Number
Description
LDA211
8-Pin DIP (50/tube)
LDA211S
8-Pin Surface Mount (50/tube)
LDA211STR
8-Pin Surface Mount (1000/Reel)
Parameter
Rating
Units
Breakdown Voltage - BV
CEO
30
V
P
Current Transfer Ratio -
CTR (typical)
8500
%
Saturation Voltage - V
CE(sat)
1V
Input Control Current - I
F
1mA
Applications
Features
Description
Ordering Information
Pin Configuration
• Telecom Switching
• Tip/Ring Circuits
• Modem Switching (Laptop, Notebook, Pocket Size)
• Loop Detect
• Ringing Detect
• Current Sensing
• 100mA Continuous Load Rating
• 3750V
rms Input/Output Isolation
• Unidirectional Input
• Small 8-Pin Package, Thru-Hole or Surface Mount
• Machine Insertable, Wave Solderable
• Surface Mount Tape & Reel Packaging Available
LDA211 is a dual unidirectional-input optocoupler
with Darlington-transistor outputs. The LDA211 has a
minimum current transfer ratio (CTR) of 300% with a
typical value of 8500%.
Approvals
1
2
3
4
8
7
6
5
A
K
K
A
E
C
C
E
• UL Recognized Component: File E76270
• CSA Certified Component: Certificate 1175739
• EN/IEC 60950-1 Certified Component:
TUV Certificate B 09 07 49410 006


Similar Part No. - LDA211

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
LDA211 CLARE-LDA211 Datasheet
70Kb / 5P
Solid State Current Sensors
LDA211S CLARE-LDA211S Datasheet
70Kb / 5P
Solid State Current Sensors
LDA211STR CLARE-LDA211STR Datasheet
70Kb / 5P
Solid State Current Sensors
More results

Similar Description - LDA211

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
IL766 SIEMENS-IL766 Datasheet
65Kb / 3P
BIDIRECTIONAL INPUT DARLINGTON OPTOCOUPLERS
logo
Clare, Inc.
LDA111 CLARE-LDA111_1 Datasheet
116Kb / 5P
Unidirectional Input, Darlington Transistor Output Optocoupler
logo
IXYS Corporation
LDA111 IXYS-LDA111 Datasheet
118Kb / 6P
Optocoupler, Unidirectional Input Darlington-Transistor Output
LDA200 IXYS-LDA200 Datasheet
120Kb / 6P
Dual Optocouplers, Bidirectional Input Single-Transistor Output
LDA201 IXYS-LDA201 Datasheet
120Kb / 6P
Dual Optocouplers, Unidirectional Input Single-Transistor Output
LDA202 IXYS-LDA202 Datasheet
120Kb / 6P
Dual Optocouplers, Bidirectional Input Single-Transistor Output
LDA203 IXYS-LDA203 Datasheet
120Kb / 6P
Dual Optocouplers, Unidirectional Input Single-Transistor Output
LDA210 IXYS-LDA210 Datasheet
118Kb / 6P
Dual Optocouplers, Bidirectional Input Darlington-Transistor Output
LDA212 IXYS-LDA212 Datasheet
118Kb / 6P
Dual Optocouplers, Bidirectional Input Darlington-Transistor Output
LDA213 IXYS-LDA213 Datasheet
118Kb / 6P
Dual Optocouplers, Unidirectional Input Darlington-Transistor Output
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com