Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IL766 Datasheet (PDF) - Siemens Semiconductor Group

IL766 Datasheet PDF - Siemens Semiconductor Group
Part # IL766
Download  IL766 Download
File Size   65.21 Kbytes
Page   3 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description BIDIRECTIONAL INPUT DARLINGTON OPTOCOUPLERS

IL766 Datasheet (PDF)

Go To PDF Page Download Datasheet
IL766 Datasheet PDF - Siemens Semiconductor Group

Part # IL766
Download  IL766 Click to download

File Size   65.21 Kbytes
Page   3 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description BIDIRECTIONAL INPUT DARLINGTON OPTOCOUPLERS

IL766 Datasheet (HTML) - Siemens Semiconductor Group


IL766 Product details

DESCRIPTION
The IL/ILD766 are bidirectional input optically coupled isolators. They consist of two Gallium Arsenide infrared emitting diodes coupled to a silicon NPN photodarlington per channel.
The IL766 are single channel optocouplers. The ILD766 has two isolated channels in a single DIP package. They are designed for applications requiring detection or monitoring of AC signals.

FEATURES
• Internal RBE for Better Stability
• High Current Transfer Ratios, VCE=5 V
    IL/ILD766-1: 500% at IF=2 mA
    IL/ILD766-2: 500% at IF=1.0 mA
• BVCEO >60 V
• AC or Polarity Insensitive Inputs
• Built-In Reverse Polarity Input Protection
• Industry Standard DIP Package
• Underwriters Lab File #E52744




Similar Part No. - IL766

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IL766 VISHAY-IL766 Datasheet
362Kb / 8P
Optocoupler, Photodarlington Output, AC Input, Internal RBE
26-Oct-04
IL766-1 VISHAY-IL766-1 Datasheet
362Kb / 8P
Optocoupler, Photodarlington Output, AC Input, Internal RBE
26-Oct-04
IL766-1X007 VISHAY-IL766-1X007 Datasheet
362Kb / 8P
Optocoupler, Photodarlington Output, AC Input, Internal RBE
26-Oct-04
IL766-2 VISHAY-IL766-2 Datasheet
362Kb / 8P
Optocoupler, Photodarlington Output, AC Input, Internal RBE
26-Oct-04
logo
Siemens Semiconductor G...
IL766B SIEMENS-IL766B Datasheet
21Kb / 1P
BIDIRECTIONAL INPUT OPTOCOUPLER
More results


Similar Description - IL766

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
IL755 SIEMENS-IL755 Datasheet
54Kb / 3P
BIDIRECTIONAL INPUT DARLINGTON OPTOCOUPLER
IL755B SIEMENS-IL755B Datasheet
42Kb / 2P
BIDIRECTIONAL INPUT DARLINGTON OPTOCOUPLER
logo
Clare, Inc.
LDA110 CLARE-LDA110_1 Datasheet
116Kb / 5P
Bidirectional Input, Darlington Transistor Output Optocoupler
logo
IXYS Corporation
LDA110 IXYS-LDA110 Datasheet
118Kb / 6P
Optocoupler, Bidirectional Input Darlington-Transistor Output
LDA200 IXYS-LDA200 Datasheet
120Kb / 6P
Dual Optocouplers, Bidirectional Input Single-Transistor Output
LDA202 IXYS-LDA202 Datasheet
120Kb / 6P
Dual Optocouplers, Bidirectional Input Single-Transistor Output
LDA210 IXYS-LDA210 Datasheet
118Kb / 6P
Dual Optocouplers, Bidirectional Input Darlington-Transistor Output
LDA211 IXYS-LDA211 Datasheet
118Kb / 6P
Dual Optocouplers, Unidirectional Input Darlington-Transistor Output
LDA212 IXYS-LDA212 Datasheet
118Kb / 6P
Dual Optocouplers, Bidirectional Input Darlington-Transistor Output
LDA213 IXYS-LDA213 Datasheet
118Kb / 6P
Dual Optocouplers, Unidirectional Input Darlington-Transistor Output
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com