Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IL766 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # IL766
Description  BIDIRECTIONAL INPUT DARLINGTON OPTOCOUPLERS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

IL766 Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  IL766 Datasheet HTML 1Page - Siemens Semiconductor Group IL766 Datasheet HTML 2Page - Siemens Semiconductor Group IL766 Datasheet HTML 3Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
5–2
IL/ILD766
Figure 1. Input characteristics
Figure 2. Transistor current versus voltage
Figure 3. Transistor output current versus voltage
Figure 4. ICEO at VCE=10 V versus temperature
Figure 5. Tr versus forward current
Figure 6. Normalized CTR versus forward current
100
10
1
.1
.01
.1
1
10
If- LED current - ma
Normalized @
If=10ma
Ta=25
°C
Vce=5V
Vce=1V
10
1
0
10
20
30
If-LED current - ma
RL=10k
RL=1k



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com