Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IL766 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # IL766
Description  BIDIRECTIONAL INPUT DARLINGTON OPTOCOUPLERS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

IL766 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  IL766 Datasheet HTML 1Page - Siemens Semiconductor Group IL766 Datasheet HTML 2Page - Siemens Semiconductor Group IL766 Datasheet HTML 3Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
5–1
FEATURES
• Internal RBE for Better Stability
• High Current Transfer Ratios, VCE=5 V
IL/ILD766-1: 500% at IF=2 mA
IL/ILD766-2: 500% at IF=1.0 mA
•BVCEO >60 V
• AC or Polarity Insensitive Inputs
• Built-In Reverse Polarity Input Protection
• Industry Standard DIP Package
• Underwriters Lab File #E52744
DESCRIPTION
The IL/ILD766 are bidirectional input optically cou-
pled isolators. They consist of two Gallium Ars-
enide infrared emitting diodes coupled to a silicon
NPN photodarlington per channel.
The IL766 are single channel optocouplers. The
ILD766 has two isolated channels in a single DIP
package. They are designed for applications
requiring detection or monitoring of AC signals.
Maximum Ratings
Emitter (Each Channel)
Continuous Forward Current .........................60 mA
Power Dissipation at 25
°C
Single Channel ....................................... 200 mW
Dual Channel............................................ 90 mW
Derate Linearly from 25
°C
Single Channel ................................... 2.6 mW/
°C
Dual Channel...................................... 1.2 mW/
°C
Detector (Each Channel)
Collector-Emitter Breakdown Voltage .............. 60 V
Collector-Base Breakdown Voltage ................. 70 V
Power Dissipation at 25
°C .........................100 mW
Derate Linearly from 25
°C ...................1.33 mW/°C
Package
Isolation Test Voltage
(t= 1 sec.)................... 7500 VACPK/5300 VACRMS
Isolation Resistance
TA=25°C........................................................≥10
12
Ω
TA=100°C .....................................................≥10
11
Ω
Total Power Dissipation at 25
°C Ambient
(LED Plus Detector)
Single Channel ....................................... 250 mW
Dual Channel.......................................... 400 mW
Derate Linearly from 25
°C
Single Channel ................................... 3.3 mW/
°C
Dual Channel .................................... 5.3 mW/
°C
Creepage ............................................... 7 mm min.
Clearance............................................... 7 mm min.
Comparative Tracking Index per
DIN IEC 112/VDE303, part 1 ......................... 175
Storage Temperature.................... –55
°C to +150°C
Operating Temperature ................ –55
°C to +100°C
Lead Soldering Time at 260
°C.................... 10 sec.
Electrical Characteristics (TA=25°C)
Sym
Min
Typ
Max.
Unit
Condition
Emitter
Forward Voltage
VF
1.2
1.5
V
IF=±10 mA
Detector
Breakdown Voltage,
Collector-Emitter
Collector-Base
BVCEO
BVCBO
60
60
75
90
V
V
IC=1 mA
IC=10 µA
Leakage Current,
Collector-Emitter
ICEO
10
100
nA
VCE=10 V
Package
Saturation Voltage,
Collector-Emitter
VCEsat
1.0
V
IF=±10 mA,
IC=10 mA
DC Current Transfer
Ratio
IL766/ILD766-1
IL766-2
CTR
500
500
%
%
IF=±2 mA,
VCE=5 V
IF=±1.0 mA,
VCE=5 V
Rise Time, Fall Time
100
µsVCC=10 V,
IF=±2 mA,
RL=100 Ω
Dimensions in inches (mm)
1
2
3
6
5
4
Base
Collector
Emitter
Anode/
Cathode
Cathode/
Anode
NC
Emitter
Collector
Collector
Emitter
1
2
3
4
8
7
6
5
Anode/
Cathode
Cathode/
Anode
Anode/
Cathode
Cathode/
Anode
Pin One ID.
.255 (6.48)
.268 (6.81)
3
4
6
5
.379 (9.63)
.390 (9.91)
.030 (.76)
.045 (1.14)
4
°
Typ.
.100 (2.54)Typ.
10
°
Typ.
3
°–9°
.305 Typ.
(7.75) Typ.
.018 (.46)
.022 (.56)
.008 (.20)
.012 (.30)
.115 (2.92)
.135 (3.43)
1
2
8
7
.130 (3.30)
.150 (3.81)
.030 (.76 )
.040 (1.02)
.010 (.25)
.014 (.35)
.110 (2.79)
.150 (3.81)
.130 (3.30)
.150 (3.81)
.020 (.051) min.
.300 (7.62)
Typ.
.031 (0.80)
.035 (0.90)
.039
(1.00)
min.
.018 (0.45)
.022 (0.55)
.335 (8.50)
.343 (8.70)
6
5
4
1
2
3
18
°
Typ.
.300 (7.62)
.347 (8.82)
4
°
Typ.
.100 (2.54) Typ.
.248 (6.30)
.256 (6.50)
Pin One
I.D.
Dual Channel
Single Channel
SINGLE CHANNEL
IL766
DUAL CHANNEL
ILD766
BIDIRECTIONAL INPUT
DARLINGTON OPTOCOUPLERS


Similar Part No. - IL766

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IL766 VISHAY-IL766 Datasheet
362Kb / 8P
Optocoupler, Photodarlington Output, AC Input, Internal RBE
26-Oct-04
IL766-1 VISHAY-IL766-1 Datasheet
362Kb / 8P
Optocoupler, Photodarlington Output, AC Input, Internal RBE
26-Oct-04
IL766-1X007 VISHAY-IL766-1X007 Datasheet
362Kb / 8P
Optocoupler, Photodarlington Output, AC Input, Internal RBE
26-Oct-04
IL766-2 VISHAY-IL766-2 Datasheet
362Kb / 8P
Optocoupler, Photodarlington Output, AC Input, Internal RBE
26-Oct-04
logo
Siemens Semiconductor G...
IL766B SIEMENS-IL766B Datasheet
21Kb / 1P
BIDIRECTIONAL INPUT OPTOCOUPLER
More results

Similar Description - IL766

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
IL755 SIEMENS-IL755 Datasheet
54Kb / 3P
BIDIRECTIONAL INPUT DARLINGTON OPTOCOUPLER
IL755B SIEMENS-IL755B Datasheet
42Kb / 2P
BIDIRECTIONAL INPUT DARLINGTON OPTOCOUPLER
logo
Clare, Inc.
LDA110 CLARE-LDA110_1 Datasheet
116Kb / 5P
Bidirectional Input, Darlington Transistor Output Optocoupler
logo
IXYS Corporation
LDA110 IXYS-LDA110 Datasheet
118Kb / 6P
Optocoupler, Bidirectional Input Darlington-Transistor Output
LDA200 IXYS-LDA200 Datasheet
120Kb / 6P
Dual Optocouplers, Bidirectional Input Single-Transistor Output
LDA202 IXYS-LDA202 Datasheet
120Kb / 6P
Dual Optocouplers, Bidirectional Input Single-Transistor Output
LDA210 IXYS-LDA210 Datasheet
118Kb / 6P
Dual Optocouplers, Bidirectional Input Darlington-Transistor Output
LDA211 IXYS-LDA211 Datasheet
118Kb / 6P
Dual Optocouplers, Unidirectional Input Darlington-Transistor Output
LDA212 IXYS-LDA212 Datasheet
118Kb / 6P
Dual Optocouplers, Bidirectional Input Darlington-Transistor Output
LDA213 IXYS-LDA213 Datasheet
118Kb / 6P
Dual Optocouplers, Unidirectional Input Darlington-Transistor Output
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com