Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV601 Datasheet(PDF) 7 Page - Analog Devices

Part # ADV601
Description  Low Cost Multiformat Video Codec
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV601 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADV601 Datasheet HTML 3Page - Analog Devices ADV601 Datasheet HTML 4Page - Analog Devices ADV601 Datasheet HTML 5Page - Analog Devices ADV601 Datasheet HTML 6Page - Analog Devices ADV601 Datasheet HTML 7Page - Analog Devices ADV601 Datasheet HTML 8Page - Analog Devices ADV601 Datasheet HTML 9Page - Analog Devices ADV601 Datasheet HTML 10Page - Analog Devices ADV601 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 52 page
background image
ADV601
–7–
REV. 0
THE PROGRAMMABLE QUANTIZER
This block quantizes the filtered image based on the response
profile of the human visual system. In general, the human eye
cannot resolve high frequencies in images to the same level of
accuracy as lower frequencies. Through intelligent “quantiza-
tion” of information contained within the filtered image, the
ADV601 achieves compression without compromising the visual
quality of the image. Figure 7 shows the encode and decode
data formats used by the quantizer.
Figure 8 shows how a typical quantization pattern applies over
Mallat block data. The high frequency blocks receive much larger
quantization (appear darker) than the low frequency blocks (appear
lighter). Looking at this figure, one sees some key point concerning
quantization: (1) quantization relates directly to frequency in
Mallat block data and (2) levels of quantization range widely from
high to low frequency block. (Note that the fill is based on a log
formula.) The relation between actual ADV601 bin width factors
and the Mallat block fill pattern in Figure 8 appears in Table II.
9.7
WAVELET
DATA
6.10 1/BW
15.17 DATA
0.5
15.0 BIN
NUMBER
QUANTIZER - ENCODE MODE
TRNC
SIGNED
SIGNED
UNSIGNED
1/BW
QUANTIZER - DECODE MODE
8.8 BW
23.8 DE-QUANTIZED
WAVELET DATA
9.7
WAVELET
DATA
15.0 BIN
NUMBER
SIGNED
SIGNED
UNSIGNED
SAT
BW
Figure 7. Programmable Quantizer Data Flow
41
38
35
32
26
23
29
20
17
14
8
5
11
2
39
36
33
30
24
21
27
18
15
12
6
3
9
0
Y COMPONENT
40
37
34
31
25
22
28
19
16
13
7
4
10
1
Cb COMPONENT
Cr COMPONENT
LOW
HIGH
QUANTIZATION OF MALLAT BLOCKS
Figure 8. Typical Quantization of Mallat Data Blocks (Graphed)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com