Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV601 Datasheet(PDF) 18 Page - Analog Devices

Part # ADV601
Description  Low Cost Multiformat Video Codec
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV601 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADV601 Datasheet HTML 14Page - Analog Devices ADV601 Datasheet HTML 15Page - Analog Devices ADV601 Datasheet HTML 16Page - Analog Devices ADV601 Datasheet HTML 17Page - Analog Devices ADV601 Datasheet HTML 18Page - Analog Devices ADV601 Datasheet HTML 19Page - Analog Devices ADV601 Datasheet HTML 20Page - Analog Devices ADV601 Datasheet HTML 21Page - Analog Devices ADV601 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 52 page
background image
ADV601
–18–
REV. 0
DSP Interface Pins (Continued)
Name
Pins
I/O
Description
TF
1
O
Serial Transmit Frame Sync. Connect this pin to an optional, external DSP’s serial
interface RF Sync pin. If no DSP is present, leave this pin unconnected. This pin is
compatible with 30 pF loads.
The TF pin is the transmit frame synch. When transmitting, the ADV601 marks
new frames with a HI pulse driven out on TF one serial clock period before the
frame begins. Whether transmitting or receiving, the synch signals may transition
back from HI to LO at any time, provided the HI and LO times of TF or RF are at
least one TCLK period in duration. Note that the DSP must be set for external
framing on receive data. Frame size for ADV601 serial data transmission is 52 slots
of 16 bits.
Note that the Mode Control register must be set to indicate whether or not the
external DSP is present.
RF
1
I
Receive Frame Sync. Connect this pin to an optional, external DSP’s serial inter-
face TF Sync pin. If no DSP is present, tie this pin to ground. This pin is compat-
ible with 30 pF loads.
The RF pin is the receive frame synch. When receiving, the ADV601 requires that
the DSP marks new frames with a LO to HI transition driven in on RF one serial
clock period before the frame begins. Whether transmitting or receiving, the synch
signals may transition back from HI to LO at any time provided the HI and LO
times of TF or RF are at least one TCLK period in duration. Note that the DSP
must be set for internal framing on transmit data. When receiving, the frame size
for ADV601 serial data is 84 slots of 16 bits.
Note that the Mode Control register must be set to indicate whether or not the
external DSP is present.
DIRQ
1
O
DSP Interrupt. Connect this pin to an optional, external DSP’s hardware interrupt
pin (IRQ2). If no DSP is present, this pin may be left unconnected. This pin is
compatible with 30 pF loads.
The
DIRQ pin on the ADV601 provides an optional method for signalling the DSP
that a new packet of field statistics is being transmitted and can be used system-
wide for signalling that a new video field has begun. Because the ADV601 asserts
DIRQ throughout statistics transmission and bin width reception, the DSP’s inter-
rupts should be set for edge-sensitivity.
Note that the Mode Control register must be set to indicate whether or not the
external DSP is present.
Host Interface Pins
Name
Pins
I/O
Description
DATA[31:0]
32
I/O
Host Data Bus. These pins make up a 32-bit wide host data bus. The host controls
this asynchronous bus with the
WR, RD, BE, and CS pins to communicate with
the ADV601. These pins are compatible with 30 pF loads.
ADR[1:0]
2
I
Host DWord Address Bus. These two address pins let you address the ADV601’s
four directly addressable host interface registers. For an illustration of how this
addressing works, see the Control and Write Register Map figure and Status and
Read Register Map figure. The ADR bits permit register addressing as follows:
ADR1
ADR0
DWord
Address Byte Address
0
0
0
0x00
0
1
1
0x04
1
0
2
0x08
1
1
3
0x0C
BE0–BE3
4
I
Host Byte Enable pins. These four input pins allow selection of which bytes in
ADV601 direct and indirect registers will be accessed through the Host Interface;
BE0—least significant byte BE3—most significant byte. For a 32-bit interface only,
tie these pins to ground, making all bytes available.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com