Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV601LC Datasheet(PDF) 38 Page - Analog Devices

Part # ADV601LC
Description  Ultralow Cost Video Codec
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV601LC Datasheet(HTML) 38 Page - Analog Devices

Back Button ADV601LC Datasheet HTML 34Page - Analog Devices ADV601LC Datasheet HTML 35Page - Analog Devices ADV601LC Datasheet HTML 36Page - Analog Devices ADV601LC Datasheet HTML 37Page - Analog Devices ADV601LC Datasheet HTML 38Page - Analog Devices ADV601LC Datasheet HTML 39Page - Analog Devices ADV601LC Datasheet HTML 40Page - Analog Devices ADV601LC Datasheet HTML 41Page - Analog Devices ADV601LC Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 44 page
background image
ADV601LC
–38–
REV. 0
Host Interface (Indirect Address, Indirect Register Data, and Interrupt Mask/Status) Register Timing
The diagrams in this section show transfer timing for host read and write accesses to all of the ADV601LC’s direct registers, except
the Compressed Data register. Accesses to the Indirect Address, Indirect Register Data, and Interrupt Mask/Status registers are
slower than access timing for the Compressed Data register. For information on access timing for the Compressed Data direct regis-
ter, see the Host Interface (Compressed Data) Register Timing section. Note that for accesses to the Indirect Address, Indirect Reg-
ister Data and Interrupt Mask/Status registers, your system MUST observe ACK and RD or WR assertion timing.
Table XXVII. Host (Indirect Address, Indirect Data, and Interrupt Mask/Status) Read Timing Parameters
Parameter
Description
Min
Max
Unit
tRD_D_RDC
RD Signal, Direct Register, Read Cycle Time (at 27 MHz VCLK)
N/A
1
N/A
ns
tRD_D_PWA
RD Signal, Direct Register, Pulsewidth Asserted (at 27 MHz VCLK)
N/A
1
N/A
ns
tRD_D_PWD
RD Signal, Direct Register, Pulsewidth Deasserted (at 27 MHz VCLK)
5
N/A
ns
tADR_D_RDS
ADR Bus, Direct Register, Read Setup
2
N/A
ns
tADR_D_RDH
ADR Bus, Direct Register, Read Hold
2
N/A
ns
tDATA_D_RDD
DATA Bus, Direct Register, Read Delay
N/A
171.6
2, 3
ns
tDATA_D_RDOH
DATA Bus, Direct Register, Read Output Hold (at 27 MHz VCLK)
26
N/A
ns
tRD_D_WRT
WR Signal, Direct Register, Read-to-Write Turnaround (at 27 MHz VCLK)
48.7
4
N/A
ns
tACK_D_RDD
ACK Signal, Direct Register, Read Delayed (at 27 MHz VCLK)
8.6
287.1
5, 6
ns
tACK_D_RDOH
ACK Signal, Direct Register, Read Output Hold (at 27 MHz VCLK)
11
N/A
ns
NOTES
1
RD input must be asserted (low) until ACK is asserted (low).
2Maximum t
DATA_D_RDD varies with VCLK according to the formula: t DATA_D_RDD (MAX) = 4 (VCLK Period) +16.
3During STATS_R deasserted (low) conditions, t
DATA_D_RDD may be as long as 52 VCLK periods.
4Minimum t
RD_D_WRT varies with VCLK according to the formula: t RD_D_WRT (MIN) = 1.5 (VCLK Period) –4.1.
5Maximum t
ACK_D_RDD varies with VCLK according to formula: t ACK_D_RDD (MAX) = 7 (VCLK Period) +14.8.
6During STATS_R deasserted (low) conditions, t
ACK_D_RDD may be as long as 52 VCLK periods.
VALID
VALID
VALID
VALID
(I) ADR,
BE, CS
(I)
RD
(O) DATA
(O)
ACK
(I)
WR
t
ADR_D_RDS
t
ACK_D_RDOH
t
RD_D_RDC
t
RD_D_PWA
t
RD_D_PWD
t
ADR_D_RDH
t
DATA_D_RDD
t
DATA_D_RDOH
t
RD_D_WRT
t
ACK_D_RDD
Figure 28. Host (Indirect Address, Indirect Register Data, and Interrupt Mask/Status) Read Transfer Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com