Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV601LC Datasheet(PDF) 4 Page - Analog Devices

Part # ADV601LC
Description  Ultralow Cost Video Codec
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV601LC Datasheet(HTML) 4 Page - Analog Devices

  ADV601LC Datasheet HTML 1Page - Analog Devices ADV601LC Datasheet HTML 2Page - Analog Devices ADV601LC Datasheet HTML 3Page - Analog Devices ADV601LC Datasheet HTML 4Page - Analog Devices ADV601LC Datasheet HTML 5Page - Analog Devices ADV601LC Datasheet HTML 6Page - Analog Devices ADV601LC Datasheet HTML 7Page - Analog Devices ADV601LC Datasheet HTML 8Page - Analog Devices ADV601LC Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 44 page
background image
ADV601LC
–4–
REV. 0
THE WAVELET KERNEL
This block contains a set of filters and decimators that work on
the image in both horizontal and vertical directions. Figure 6
illustrates the filter tree structure. The filters apply carefully
chosen wavelet basis functions that better correlate to the broad-
band nature of images than the sinusoidal waves used in Dis-
crete Cosine Transform (DCT) compression schemes (JPEG,
MPEG, and H261).
An advantage of wavelet-based compression is that the entire
image can be filtered without being broken into sub-blocks as
required in DCT compression schemes. This full image filtering
eliminates the block artifacts seen in DCT compression and
offers more graceful image degradation at high compression
ratios. The availability of full image sub-band data also makes
image processing, scaling, and a number of other system fea-
tures possible with little or no computational overhead.
The resultant filtered image is made up of components of the
original image as is shown in Figure 3 (a modified Mallat Tree).
Note that Figure 3 shows how a component of video would be
filtered, but in multiple component video luminance and color
components are filtered separately. In Figure 4 and Figure 5 an
actual image and the Mallat Tree (luminance only) equivalent is
shown. It is important to note that while the image has been
filtered or transformed into the frequency domain, no compres-
sion has occurred. With the image in its filtered state, it is now
ready for processing in the second block, the quantizer.
Understanding the structure and function of the wavelet filters
and resultant product is the key to obtaining the highest perfor-
mance from the ADV601LC. Consider the following points:
• The data in all blocks (except N) for all components are high
pass filtered. Therefore, the mean pixel value in those blocks
is typically zero and a histogram of the pixel values in these
blocks will contain a single “hump” (Laplacian distribution).
• The data in most blocks is more likely to contain zeros or
strings of zeros than unfiltered image data.
• The human visual system is less sensitive to higher frequency
blocks than low ones.
• Attenuation of the selected blocks in luminance or color com-
ponents results in control over sharpness, brightness, contrast
and saturation.
• High quality filtered/decimated images can be extracted/created
without computational overhead.
Through leverage of these key points, the ADV601LC not
only compresses video, but offers a host of application features.
Please see the Applying the ADV601LC section for details on
getting the most out of the ADV601LC’s sub-band coding
architecture in different applications.
BLOCK A IS HIGH PASS IN X AND DECIMATED BY TWO.
BLOCK B IS HIGH PASS IN X, HIGH PASS IN Y, AND DECIMATED BY EIGHT.
BLOCK C IS HIGH PASS IN X, LOW PASS IN Y, AND DECIMATED BY EIGHT.
BLOCK D IS LOW PASS IN X, HIGH PASS IN Y, AND DECIMATED BY EIGHT.
BLOCK E IS HIGH PASS IN X, HIGH PASS IN Y, AND DECIMATED BY 32.
BLOCK F IS HIGH PASS IN X, LOW PASS IN Y, AND DECIMATED BY 32.
BLOCK G IS LOW PASS IN X, HIGH PASS IN Y, AND DECIMATED BY 32.
BLOCK H IS HIGH PASS IN X, HIGH PASS IN Y, AND DECIMATED BY 128.
BLOCK I IS HIGH PASS IN X, LOW PASS IN Y, AND DECIMATED BY 128.
BLOCK J IS LOW PASS IN X, HIGH PASS IN Y, AND DECIMATED BY 128.
BLOCK K IS HIGH PASS IN X, HIGH PASS IN Y, AND DECIMATED BY 512.
BLOCK L IS HIGH PASS IN X, LOW PASS IN Y, AND DECIMATED BY 512.
BLOCK M IS LOW PASS IN X, HIGH PASS IN Y, AND DECIMATED BY 512.
BLOCK N IS LOW PASS IN X, LOW PASS IN Y, AND DECIMATED BY 512.
N
M
L
K
I
H
J
G
F
E
C
B
D
A
Figure 3. Modified Mallat Diagram (Block Letters Correspond to Those in Filter Tree)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com