Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7121 Datasheet(PDF) 2 Page - Analog Devices

Part # ADV7121
Description  CMOS 80 MHz, Triple 10-Bit Video DACs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7121 Datasheet(HTML) 2 Page - Analog Devices

  ADV7121 Datasheet HTML 1Page - Analog Devices ADV7121 Datasheet HTML 2Page - Analog Devices ADV7121 Datasheet HTML 3Page - Analog Devices ADV7121 Datasheet HTML 4Page - Analog Devices ADV7121 Datasheet HTML 5Page - Analog Devices ADV7121 Datasheet HTML 6Page - Analog Devices ADV7121 Datasheet HTML 7Page - Analog Devices ADV7121 Datasheet HTML 8Page - Analog Devices ADV7121 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
REV. B
–2–
ADV7121–SPECIFICATIONS
Parameter
K Version
Units
Test Conditions/Comments
STATIC PERFORMANCE
Resolution (Each DAC)
10
Bits
Accuracy (Each DAC)
Integral Nonlinearity, INL
±2
LSB max
Differential Nonlinearity, DNL
±1
LSB max
Guaranteed Monotonic
Gray Scale Error
±5
% Gray Scale max
Max Gray Scale Current = (VREF * 7,969/RSET) mA
Coding
Binary
DIGITAL INPUTS
Input High Voltage, VINH
2
V min
Input Low Voltage, VINL
0.8
V max
Input Current, IIN
±1
µA max
VIN = 0.4 V or 2.4 V
Input Capacitance, CIN
2
10
pF max
ANALOG OUTPUTS
Gray Scale Current Range
15
mA min
22
mA max
Output Current
White Level
16.74
mA min
Typically 17.62 mA
18.50
mA max
Black Level
0
µA min
Typically 5
µA
50
µA max
LSB Size
17.28
µA typ
DAC to DAC Matching
5
% max
Typically 2%
Output Compliance, VOC
–1
V min
+1.4
V max
Output Impedance, ROUT
2
100
k
Ω typ
Output Capacitance, COUT
2
30
pF max
IOUT = 0 mA
VOLTAGE REFERENCE
Voltage Reference Range, VREF
1.14/1.26
V min/V max
VREF = 1.235 V for Specified Performance
Input Current, IVREF
–5
mA typ
POWER REQUIREMENTS
VAA
5
V nom
IAA
125
mA max
Typically 80 mA: 80 MHz Parts
100
mA max
Typically 70 mA: 50 MHz & 35 MHz Parts
Power Supply Rejection Ratio
2
0.5
%/% max
Typically 0.12 %/%: f = 1 kHz, COMP = 0.1
µF
Power Dissipation
625
mW max
Typically 400 mW: 80 MHz Parts
500
mW max
Typically 350 mW: 50 MHz & 35 MHz Parts
DYNAMIC PERFORMANCE
Glitch Impulse
2, 3
50
pV secs typ
DAC Noise2, 3, 4
200
pV secs typ
Analog Output Skew
2
ns max
Typically 1 ns
NOTES
1Temperature range (T
MIN to TMAX): 0°C to +70°C.
2Sample tested at +25
°C to ensure compliance.
3TTL input values are 0 to 3 volts, with input rise/fall times
≤ 3 ns, measured between the 10% and 90% points. Timing reference points at 50% for inputs and
outputs. See timing notes in Figure 1.
4This includes effects due to clock and data feedthrough as well as RGB analog crosstalk.
Specifications subject to change without notice.
(VAA = +5 V
5%; VREF = +1.235 V; RL = 3.75
, CL = 10 pF; RSET = 560
. All
Specifications TMIN to TMAX
1 unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com