Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7121 Datasheet(PDF) 1 Page - Analog Devices

Part # ADV7121
Description  CMOS 80 MHz, Triple 10-Bit Video DACs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7121 Datasheet(HTML) 1 Page - Analog Devices

  ADV7121 Datasheet HTML 1Page - Analog Devices ADV7121 Datasheet HTML 2Page - Analog Devices ADV7121 Datasheet HTML 3Page - Analog Devices ADV7121 Datasheet HTML 4Page - Analog Devices ADV7121 Datasheet HTML 5Page - Analog Devices ADV7121 Datasheet HTML 6Page - Analog Devices ADV7121 Datasheet HTML 7Page - Analog Devices ADV7121 Datasheet HTML 8Page - Analog Devices ADV7121 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
REV. B
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
CMOS
80 MHz, Triple 10-Bit Video DACs
ADV7121/ADV7122
© Analog Devices, Inc., 1996
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 617/329-4700
Fax: 617/326-8703
ADV7121 FUNCTIONAL BLOCK DIAGRAM
PIXEL
INPUT
PORT
IOR
IOG
IOB
R0
R9
CLOCK
10
ADV7121
VREF
G0
G9
10
B0
B9
10
FS
ADJUST
10
10
10
V
AA
REFERENCE
AMPLIFIER
COMP
DAC
DAC
RED
REGISTER
BLUE
REGISTER
GREEN
REGISTER
DAC
GND
ADV7122 FUNCTIONAL BLOCK DIAGRAM
PIXEL
INPUT
PORT
IOR
IOG
IOB
R0
R9
CLOCK
10
SYNC
ADV7122
GND
G0
G9
10
B0
B9
10
BLANK
FS
ADJUST
10
10
10
V
AA
REFERENCE
AMPLIFIER
COMP
DAC
DAC
RED
REGISTER
BLUE
REGISTER
CONTROL
REGISTER
GREEN
REGISTER
DAC
SYNC
CONTROL
V
REF
FEATURES
80 MHz Pipelined Operation
Triple 10-Bit D/A Converters
RS-343A/RS-170 Compatible Outputs
TTL Compatible Inputs
+5 V CMOS Monolithic Construction
40-Pin DIP Package (ADV7121)
44-Pin PLCC Package (ADV7122)
48-Lead TQFP (ADV7122)
APPLICATIONS
High Definition Television (HDTV)
High Resolution Color Graphics
CAE/CAD/CAM Applications
Image Processing
Instrumentation
Video Signal Reconstruction
Direct Digital Synthesis (DDS)
I/Q Modulation
SPEED GRADES
80 MHz
50 MHz
30 MHz
ADV is a registered trademark of Analog Devices, Inc.
*Speed grades up to 140 MHz are also available on special request.
Please contact Analog Devices or its representatives for details.
GENERAL DESCRIPTION
The ADV7121/ADV7122 (ADV
®) is a video speed, digital-to-
analog converter on a single monolithic chip. The part is specifi-
cally designed for high resolution color graphics and video
systems including high definition television (HDTV). It is also
ideal for any application requiring a low cost, high speed DAC
function especially in communications. It consists of three, high
speed, 10-bit, video D/A converters (RGB), a standard TTL input
interface and high impedance, analog output, current sources.
The ADV7121/ADV7122 has three separate, 10-bit, pixel input
ports, one each for red, green and blue video data. A single +5 V
power supply, an external 1.23 V reference and pixel clock input is
all that is required to make the part operational. The ADV7122
has additional video control signals, composite SYNC and BLANK.
The ADV7121/ADV7122 is capable of generating RGB video
output signals which are compatible with RS-343A, RS-170 and
most proposed production system HDTV video standards, in-
cluding SMPTE 240M.
The ADV7121/ADV7122 is fabricated in a +5 V CMOS pro-
cess. Its monolithic CMOS construction ensures greater func-
tionality with low power dissipation. The ADV7121 is packaged
in a 0.6", 40-pin plastic DIP package. The ADV7122 is pack-
aged in a 44-pin plastic leaded (J-lead) chip carrier, PLCC,
and 48-lead thin quad flatpack (TQFP).
PRODUCT HIGHLIGHTS
1. Fast video refresh rate, 80 MHz.
2. Guaranteed monotonic to 10 bits. Ten bits of resolution al-
lows for implementation of linearization functions such as
gamma correction and contrast enhancement.
3. Compatible with a wide variety of high resolution color
graphics systems including RS-343A/RS-170 and the pro-
posed SMPTE 240M standard for HDTV.


Similar Part No. - ADV7121

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7120 AD-ADV7120 Datasheet
188Kb / 12P
CMOS 80 MHz, Triple 8-Bit Video DAC
ADV7120 AD-ADV7120 Datasheet
191Kb / 12P
CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV7120KN30 AD-ADV7120KN30 Datasheet
188Kb / 12P
CMOS 80 MHz, Triple 8-Bit Video DAC
ADV7120KN30 AD-ADV7120KN30 Datasheet
191Kb / 12P
CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV7120KN50 AD-ADV7120KN50 Datasheet
188Kb / 12P
CMOS 80 MHz, Triple 8-Bit Video DAC
More results

Similar Description - ADV7121

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV101 AD-ADV101 Datasheet
187Kb / 12P
CMOS 80 MHz, Triple 8-Bit Video DAC
REV.B
ADV7120 AD-ADV7120 Datasheet
188Kb / 12P
CMOS 80 MHz, Triple 8-Bit Video DAC
ADV7128 AD-ADV7128 Datasheet
135Kb / 8P
CMOS 80 MHz, 10-Bit Video DAC
REV.0
logo
Cadeka Microcircuits LL...
CDK3400 CADEKA-CDK3400 Datasheet
994Kb / 11P
10-bit, 100/150MSPS, Triple Video DACs
logo
Analog Devices
ADV7120KSTZ30 AD-ADV7120KSTZ30 Datasheet
191Kb / 12P
CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV7120KSTZ50 AD-ADV7120KSTZ50 Datasheet
191Kb / 12P
CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV101 AD-ADV101_15 Datasheet
161Kb / 12P
CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV7120 AD-ADV7120_15 Datasheet
191Kb / 12P
CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV7122 AD-ADV7122_15 Datasheet
200Kb / 12P
CMOS 80 MHz, Triple 10-Bit Video DACs
REV. B
ADV7128 AD-ADV7128_15 Datasheet
139Kb / 8P
CMOS 80 MHz, 10-Bit Video DAC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com