Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7128 Datasheet(PDF) 1 Page - Analog Devices

Part # ADV7128
Description  CMOS 80 MHz, 10-Bit Video DAC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7128 Datasheet(HTML) 1 Page - Analog Devices

  ADV7128 Datasheet HTML 1Page - Analog Devices ADV7128 Datasheet HTML 2Page - Analog Devices ADV7128 Datasheet HTML 3Page - Analog Devices ADV7128 Datasheet HTML 4Page - Analog Devices ADV7128 Datasheet HTML 5Page - Analog Devices ADV7128 Datasheet HTML 6Page - Analog Devices ADV7128 Datasheet HTML 7Page - Analog Devices ADV7128 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
CMOS
80 MHz, 10-Bit Video DAC
ADV7128
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 617/329-4700
Fax: 617/326-8703
FUNCTIONAL BLOCK DIAGRAM
I
OUT
CLOCK
ADV7128
D0
D9
10
FS
ADJUST
10
V
AA
REFERENCE
AMPLIFIER
COMP
DAC
DATA
REGISTER
GND
V
REF
PRODUCT HIGHLIGHTS
1. Fast video refresh rate, 80 MHz.
2. Guaranteed monotonic to 10 bits. Ten bits of resolution al-
lows for implementation of linearization functions such as
gamma correction and contrast enhancement.
3. Compatible with a wide variety of high resolution color
graphics systems including RS-343A/RS-170 and the pro-
posed SMPTE 240M standard for HDTV.
4. Combined with a numerically controlled oscillator (AD9955),
it forms a complete frequency synthesizer (DDS).
5. Using the parts reduced power output DAC modes, it is
ideal for power and cost sensitive communications type
applications.
GENERAL DESCRIPTION
The ADV7128 (ADV®) is a video speed, digital-to-analog con-
verter on a single monolithic chip. It consists of a high speed,
10-bit, video D/A converters; a standard TTL input interface;
and a high impedance, analog output, current source.
The ADV7128 has a 10-bit pixel input port. A single +5 V
power supply, an external 1.23 V reference and pixel clock input
are and all that are required to make the part operational.
The ADV7128 is capable of generating video output signals
which are compatible with RS-343A, RS-170 and most pro-
posed production system HDTV video standards, including
SMPTE 240M.
The ADV7128 is fabricated in a +5 V CMOS process. Its
monolithic CMOS construction ensures greater functionality
with low power dissipation. The ADV7128 is available in a 28-
lead small outline IC (SOIC).
ADV is a registered trademark of Analog Devices, Inc.
FEATURES
80 MHz Pipelined Operation
10-Bit D/A Converters
RS-343A/RS-170 Compatible Outputs
TTL Compatible Inputs
+5 V CMOS Monolithic Construction
28-Pin SOIC Package
APPLICATIONS
High Definition Television (HDTV)
High Resolution Color Graphics
Digital Radio Modulation
CAE/CAD/CAM Applications
Image Processing
Instrumentation
Video Signal Reconstruction
Direct Digital Synthesis (DDS) & I/O Modulation
Wireless LAN
Wireless Local Loop
SPEED GRADES
80 MHz
50 MHz
30 MHz


Similar Part No. - ADV7128

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7128 AD-ADV7128_15 Datasheet
139Kb / 8P
CMOS 80 MHz, 10-Bit Video DAC
REV. 0
More results

Similar Description - ADV7128

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV101 AD-ADV101 Datasheet
187Kb / 12P
CMOS 80 MHz, Triple 8-Bit Video DAC
REV.B
ADV7120 AD-ADV7120 Datasheet
188Kb / 12P
CMOS 80 MHz, Triple 8-Bit Video DAC
ADV7121 AD-ADV7121 Datasheet
196Kb / 12P
CMOS 80 MHz, Triple 10-Bit Video DACs
REV.B
logo
Cadeka Microcircuits LL...
SPT5220 CADEKA-SPT5220 Datasheet
3Mb / 8P
10-BIT, 80 MWPS VIDEO DAC
logo
Analog Devices
ADV7120KSTZ30 AD-ADV7120KSTZ30 Datasheet
191Kb / 12P
CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV7120KSTZ50 AD-ADV7120KSTZ50 Datasheet
191Kb / 12P
CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV101 AD-ADV101_15 Datasheet
161Kb / 12P
CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV7120 AD-ADV7120_15 Datasheet
191Kb / 12P
CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV7122 AD-ADV7122_15 Datasheet
200Kb / 12P
CMOS 80 MHz, Triple 10-Bit Video DACs
REV. B
ADV7128 AD-ADV7128_15 Datasheet
139Kb / 8P
CMOS 80 MHz, 10-Bit Video DAC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com