Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSCD102H Datasheet(PDF) 1 Page - Zowie Technology Corporation

Part # SSCD102H
Description  Schottky Barrier Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZOWIE [Zowie Technology Corporation]
Direct Link  http://www.zowie.com.tw
Logo ZOWIE - Zowie Technology Corporation

SSCD102H Datasheet(HTML) 1 Page - Zowie Technology Corporation

  SSCD102H Datasheet HTML 1Page - Zowie Technology Corporation SSCD102H Datasheet HTML 2Page - Zowie Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ZOWIE
(20V~100V / 1.0A)
SSCD102H THRU SSCD110H
Unit : mm
Schottky Barrier Diode
* Halogen-free type
* Compliance to RoHS product
* Lead less chip form, no lead damage
* Low power loss, High efficiency
* High current capability, low VF
* Plastic package has Underwriters Laboratory Flammability
Classification 94V-0
FEATURES
* Switching mode power supply applications
* Portable equipment battery applications
* General rectification
* DC / DC Converter
* Telecommunication
APPLICATION
* 3,000 pieces per 7" (178mm ± 2mm) reel
* 4 reels per box
* 6 boxes per carton
PACKING
Case : Packed with FRP substrate and epoxy underfilled
Terminals : Pure Tin plated (Lead-Free),
solderable per MIL-STD-750, Method 2026.
Polarity : Laser Cathode band marking
Weight : 0.012 gram
MECHANICAL DATA
OUTLINE DIMENSIONS
2007/12
REV. 0
MARKING
Cathode mark
Amps class
Voltage class
A
Equivalent : SOD-123
Absolute Maximum Ratings (Ta = 25
o
C)
VRRM
102H
20
104H
40
106H
60
110H
100
V
IF(AV)
A
IFSM
A
Tj
TSTG
20
-55 to +125
-55 to +150
-55 to +150
8.3ms single half sine-wave
ITEM
Average forward current
Symbol
Conditions
Unit
Peak forward surge current
Operating junction temperature Range
SSCD
1.0
Repetitive peak reverse voltage
Storage temperature Range
oC
oC
Electrical characteristics (Ta = 25
o
C)
VF
ITEM
Symbol
Conditions
Min.
Typ.
Type
IF = 0.1A
IF = 0.5A
IF = 1.0A
V
-
-
-
0.32
0.40
0.46
-
-
0.50
SSCD102H
/
SSCD104H
IF = 0.1A
IF = 0.5A
IF = 1.0A
V
-
-
-
0.35
0.48
0.62
-
-
0.70
SSCD106H
IF = 0.1A
IF = 0.5A
IF = 1.0A
V
-
-
-
0.45
0.66
0.76
-
-
0.85
SSCD110H
Max.
Unit
Forward voltage (NOTE 1)
-
88
-
Rth(JA)
Junction to ambient (NOTE 2)
Thermal resistance
-
28
-
Rth(JL)
Junction to lead (NOTE 2)
pF
-
110
-
Cj
VR = 4V, f = 1.0 MHz
Junction capacitance
mA
-
0.015
0.2
IRRM
Repetitive peak reverse current (NOTE 1)
VR = Max. VRRM , Ta = 25
oC
NOTES : (1) Pulse test width PW=300usec , 1% duty cycle.
(2) Mounted on P.C. board with 0.2 x 0.2"(5.0 x5.0mm) copper pad areas.
3.40 ± 0.2
0.05
R0.40
0.70 ± 0.2
0.70 ± 0.2
Halogen-free type
.
Case : 1206
oC/W
oC/W


Similar Part No. - SSCD102H

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
SSCD102 ZOWIE-SSCD102 Datasheet
86Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
SeCoS Halbleitertechnol...
SSCD102 SECOS-SSCD102 Datasheet
420Kb / 2P
1.0 AMP Surface Mount Schottky Barrier Rectifiers
SSCD102L SECOS-SSCD102L Datasheet
107Kb / 2P
1.0 A Surface Mount Schottky Barrier Rectifiers
logo
Zowie Technology Corpor...
SSCD102LH ZOWIE-SSCD102LH Datasheet
162Kb / 2P
Schottky Barrier Diode
SSCD102LSH ZOWIE-SSCD102LSH Datasheet
219Kb / 2P
Low VF Schottky Barrier Diode
More results

Similar Description - SSCD102H

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
1PS74SB43 PHILIPS-1PS74SB43 Datasheet
49Kb / 8P
Schottky barrier diode
1999 Dec 10
1PS79SB62 PHILIPS-1PS79SB62 Datasheet
56Kb / 8P
Schottky barrier diode
2001 Jan 18
logo
Vishay Siliconix
BAS85 VISHAY-BAS85 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
BAS86 VISHAY-BAS86 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
logo
Diodes Incorporated
BAT46 DIODES-BAT46 Datasheet
49Kb / 1P
SCHOTTKY BARRIER DIODE
DS11002 Rev. E-2
SD103A DIODES-SD103A Datasheet
66Kb / 3P
SCHOTTKY BARRIER DIODE
DS11009 Rev. 11 - 2
logo
ON Semiconductor
NSR0230P2T5G ONSEMI-NSR0230P2T5G Datasheet
42Kb / 3P
Schottky Barrier Diode
October, 2006 ??Rev. 0
logo
Unisonic Technologies
RB520S30 UTC-RB520S30 Datasheet
38Kb / 3P
SCHOTTKY BARRIER DIODE
logo
Champion Microelectroni...
CMS-S060-060 CHAMP-CMS-S060-060 Datasheet
21Kb / 1P
SCHOTTKY BARRIER DIODE
logo
Shindengen Electric Mfg...
DF20NC15 SHINDENGEN-DF20NC15 Datasheet
641Kb / 2P
Schottky Barrier Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com