Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7150 Datasheet(PDF) 1 Page - Analog Devices

Part # ADV7150
Description  CMOS 220 MHz True-Color Graphics Triple 10-Bit Video RAM-DAC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7150 Datasheet(HTML) 1 Page - Analog Devices

  ADV7150 Datasheet HTML 1Page - Analog Devices ADV7150 Datasheet HTML 2Page - Analog Devices ADV7150 Datasheet HTML 3Page - Analog Devices ADV7150 Datasheet HTML 4Page - Analog Devices ADV7150 Datasheet HTML 5Page - Analog Devices ADV7150 Datasheet HTML 6Page - Analog Devices ADV7150 Datasheet HTML 7Page - Analog Devices ADV7150 Datasheet HTML 8Page - Analog Devices ADV7150 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
REV. A
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
CMOS 220 MHz True-Color Graphics
Triple 10-Bit Video RAM-DAC
ADV7150
© Analog Devices, Inc., 1996
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 617/329-4700
Fax: 617/326-8703
@ 85 MHz
8-Bit Pseudo Color
15-Bit True Color
APPLICATIONS
High Resolution, True Color Graphics
Professional Color Prepress Imaging
GENERAL DESCRIPTION
The ADV7150 (ADV
®) is a complete analog output, Video
RAM-DAC on a single CMOS monolithic chip. The part is spe-
cifically designed for use in high performance, color graphics
workstations. The ADV7150 integrates a number of graphic
functions onto one device allowing 24-bit direct True-Color op-
eration at the maximum screen update rate of 220 MHz. The
ADV7150 implements 30-bit True Color in 24-bit frame buffer
designs. The part also supports other modes, including 15-bit
True Color and 8-bit Pseudo or Indexed Color. Either the Red,
Green or Blue input pixel ports can be used for Pseudo Color.
(Continued on page 12)
ADV is a registered trademark of Analog Devices, Inc.
FEATURES
220 MHz, 24-Bit (30-Bit Gamma Corrected) True Color
Triple 10-Bit “Gamma Correcting” D/A Converters
Triple 256
10 (256
30) Color Palette RAM
On-Chip Clock Control Circuit
Palette Priority Select Registers
RS-343A/RS-170 Compatible Analog Outputs
TTL Compatible Digital Inputs
Standard MPU l/O Interface
10-Bit Parallel Structure
8+2 Byte Structure
Programmable Pixel Port: 24-Bit, 15-Bit and
Programmable Pixel Port: 8-Bit (Pseudo)
Pixel Data Serializer
Multiplexed Pixel Input Ports; 1:1, 2:1, 4:1
+5 V CMOS Monolithic Construction
160-Lead Plastic Quad Flatpack (QFP)
Thermally Enhanced to Achieve JC < 1.0 C/W
MODES OF OPERATION
24-Bit True Color (30-Bit Gamma Corrected)
@ 220 MHz
@ 170 MHz
@ 135 MHz
@ 110 MHz
FUNCTIONAL BLOCK DIAGRAM
256-COLOR/GAMMA
PALETTE RAM
10
10-BIT
RED DAC
10-BIT
BLUE DAC
IOR
96
C
D
A
B
24
24
24
24
P
I
X
E
L
P
O
R
T
MUX
4:1
30
RED
256 x 10
MPU PORT
D9 – D0
10 (8+2)
CE R/W C0 C1
LOADIN
CLOCK
LOADOUT
PRGCKOUT
SCKIN
SCKOUT
CLOCK DIVIDE
&
SYNCHRONIZATION
CIRCUIT
÷32 ÷16, ÷8, ÷4, ÷2
ADDR
(A7–A0)
REVISION
REGISTER
COMMAND
REGISTERS
(CR1–CR3)
TEST
REGISTERS
(MR1)
VOLTAGE
REFERENCE
CIRCUIT
ECL TO CMOS
ADV7150
V
REF
R
SET
COMP
SYNC
OUTPUT
I
PLL
RED (R7–R0),
GREEN (G7–G0),
BLUE (B7–B0)
COLOR DATA
V
AA
GND
DATA TO
PALETTES
CONTROL REGISTERS
COLOR REGISTERS
CLOCK CONTROL
MODE
REGISTER
ADDRESS
REGISTER
GREEN
256 x 10
BLUE
256 x 10
PALETTE
SELECTS
(PS0, PS1)
ID
REGISTER
GREEN
REGISTER
PIXEL MASK
REGISTER
8
IOR
IOG
IOG
IOB
IOB
10-BIT
GREEN DAC
10
10
BLUE
REGISTER
RED
REGISTER
8
8
2
8
8
SYNC
BLANK
CLOCK
SYNCOUT
MUX
4:1


Similar Part No. - ADV7150

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7151 AD-ADV7151 Datasheet
1Mb / 32P
CMOS 220 MHz Pseudo-Color Graphics Triple 10-Bit Video RAM-DAC
ADV7151LS110 AD-ADV7151LS110 Datasheet
1Mb / 32P
CMOS 220 MHz Pseudo-Color Graphics Triple 10-Bit Video RAM-DAC
ADV7151LS135 AD-ADV7151LS135 Datasheet
1Mb / 32P
CMOS 220 MHz Pseudo-Color Graphics Triple 10-Bit Video RAM-DAC
ADV7151LS170 AD-ADV7151LS170 Datasheet
1Mb / 32P
CMOS 220 MHz Pseudo-Color Graphics Triple 10-Bit Video RAM-DAC
ADV7151LS220 AD-ADV7151LS220 Datasheet
1Mb / 32P
CMOS 220 MHz Pseudo-Color Graphics Triple 10-Bit Video RAM-DAC
More results

Similar Description - ADV7150

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV473 AD-ADV473 Datasheet
200Kb / 12P
CMOS 135 MHz True-Color Graphics Triple 8-Bit Video RAM-DAC
REV.A
ADV7151 AD-ADV7151 Datasheet
1Mb / 32P
CMOS 220 MHz Pseudo-Color Graphics Triple 10-Bit Video RAM-DAC
ADV7152 AD-ADV7152 Datasheet
454Kb / 32P
CMOS 220 MHz True-Color Graphics Triple 10-Bit Video RAM-DAC
REV.B
ADV7160 AD-ADV7160 Datasheet
668Kb / 44P
96-Bit, 220 MHz True-Color Video RAM-DAC
REV.0
logo
Texas Instruments
THS8136 TI-THS8136 Datasheet
480Kb / 17P
TRIPLE 10-BIT 180-MSPS GRAPHICS AND VIDEO DAC
logo
Analog Devices
ADV7152 AD-ADV7152_15 Datasheet
335Kb / 32P
CMOS 220 MHz True-Color Graphics Triple 10-Bit Video RAM-DAC
REV. B
ADV7151 AD-ADV7151_15 Datasheet
1Mb / 32P
CMOS 220 MHZ PSEUDO COLOR GRAPHICS TRIPLE 10 BIT VIDEO RAM DAC
REV. A
ADV473 AD-ADV473_15 Datasheet
204Kb / 12P
CMOS 135 MHz True-Color Graphics Triple 8-Bit Video RAM-DAC
REV. A
ADV7160 AD-ADV7160_15 Datasheet
669Kb / 44P
96-Bit, 220 MHz True-Color Video RAM-DAC
REV. 0
ADV7162 AD-ADV7162_15 Datasheet
669Kb / 44P
96-Bit, 220 MHz True-Color Video RAM-DAC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com