Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7162 Datasheet(PDF) 1 Page - Analog Devices

Part # ADV7162
Description  96-Bit, 220 MHz True-Color Video RAM-DAC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7162 Datasheet(HTML) 1 Page - Analog Devices

  ADV7162 Datasheet HTML 1Page - Analog Devices ADV7162 Datasheet HTML 2Page - Analog Devices ADV7162 Datasheet HTML 3Page - Analog Devices ADV7162 Datasheet HTML 4Page - Analog Devices ADV7162 Datasheet HTML 5Page - Analog Devices ADV7162 Datasheet HTML 6Page - Analog Devices ADV7162 Datasheet HTML 7Page - Analog Devices ADV7162 Datasheet HTML 8Page - Analog Devices ADV7162 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
96-Bit, 220 MHz
True-Color Video RAM-DAC
ADV7160/ADV7162
© Analog Devices, Inc., 1995
One Technology Way, P.O. Box 9106, Norwood. MA 02062-9106, U.S.A.
Tel: 617/329-4700
Fax: 617/326-8703
MODES OF OPERATION
1600
× 1200 × 30/24-Bit Resolution @ 85 Hz Screen Refresh
1600
× 1200 × 16/15-Bit Resolution @ 85 Hz Screen Refresh
1600
× 1200 × 8-Bit Resolution @ 85 Hz Screen Refresh
APPLICATIONS
Windows Accelerators
High Resolution, True Color Graphics
Professional Color Prepress Imaging
Digital TV (HDTV, Digital Video)
SPEED GRADES
@ 220 MHz
@ 170 MHz
@ 140 MHz
GENERAL DESCRIPTION
The ADV7160/ADV7162® is a 96-bit pixel port Video RAM-
DAC with color enhanced triple 10-bit DACs. The device also
includes a PLL and 64
× 64 hardware cursor. The ADV7160/
ADV7162 is specifically designed for use in the graphics sub-
system of high performance, color graphics workstations and
windows accelerators.
(Continued on page 15)
FEATURES
96-Bit Pixel Port for 1600
× 1280 × 24 Screen Resolution
220 MHz, 24-Bit (30-Bit Gamma Corrected) True-Color
Triple 10-Bit “Gamma Correcting” D/A Converters
2% (max) DAC to DAC Color Matching
Triple 256
× 10 (256 x 30) Color Palette RAM
On-Board User Definable Cursor (64
× 64 × 2)
Three Color Overlay
Cursor Palette RAM
Fully Programmable On-Board PLL
RS-343A/RS-170 Compatible RGB Analog Outputs
Tri-Level SYNC Functionality
TTL Compatible Digital Inputs
Standard MPU I/O Interface
Programmable Pixel Port: 24-Bit, 16-Bit, 15-Bit &
8-Bit (Pseudo)
Pixel Data Serializer:
Multiplexed Pixel Input Ports; 2:1, 4:1, 8:1
+5 V CMOS Monolithic Construction
160-Lead Plastic Quad Flatpack (QFP): ADV7162
160-Lead “Thermally Enhanced” QFP (PQUAD): ADV7160
FUNCTIONAL BLOCK DIAGRAM
ADV is a registered trademark of Analog Devices, Inc.
P
I
X
E
L
I
N
P
U
T
M
U
L
T
I
P
L
E
X
E
R
JTAG TEST
ACCESS PORT
TDO
MPU PORT
10 (8+2)
DATA TO
PALETTES
30
CONTROL
REGISTERS
PIXEL MASK
REGISTER
COMMAND
REGISTERS
(CR1-CR5)
GND
TDI
TCK
TMS
C1
D9–D0
C0
PIXEL
DATA
(P7-P0)
ODD/EVEN
LOADIN
SCKIN
LOADOUT
COMP
CLOCK CONTROL
3 x 256 COLOR PALETTE
3 COLOR OVERLAY PALETTE
IOG
IOB
ECL TO
CMOS
PLL
PLLREF
CLOCK
A
PALETTE
SELECTS
(PS0, PS1)
SYNCOUT
IOR
CLOCK
PRGCKOUT
SCKOUT
SELECTOR
ADDRESS
REGISTER
(A10-A0)
TRISYNC
SYNC
BLANK
B
C
D
S
E
L
E
C
T
O
R
CE
R/W
GREEN
REGISTER
BLUE
REGISTER
RED
REGISTER
ADV7160/
ADV7162
2 COLOR CURSOR PALETTE
MODE
REGISTER
(MR1)
10
10
10
2
2
10
BYPASS COLOR
MODE MATRIX
10
10
10
8
8
8
8
8
8
PIXEL
MASK
COLOR
MODE
MATRIX
10
10
10
RED 256 x 10
GREEN 256 x 10
BLUE 256 x 10
RED 3 x 10
GREEN 3 x 10
BLUE 3 x 10
24
24
24
24
8
8
8
8
PS
FUNCTION
DECODE
LOGIC
2
10
10
10
RED 3 x 10
GREEN 3 x 10
BLUE 3 x 10
64 x 64
CURSOR
GENERATOR
10
10
10
GREEN
DAC
BLUE
DAC
RED
DAC
BLANK AND
SYNC LOGIC
VREF
RSET
10
10
CLOCK DIVIDE &
SYNCHRONIZATION
CIRCUITRY
÷32, ÷16, ÷8, ÷4
VOLTAGE
REFERENCE
CIRCUIT
REVISION
REGISTER
PLL
REGISTERS
CURSOR
REGISTERS
TEST
REGISTERS
ID
REGISTER
STATUS
REGISTER
VAA


Similar Part No. - ADV7162

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7162 AD-ADV7162_15 Datasheet
669Kb / 44P
96-Bit, 220 MHz True-Color Video RAM-DAC
REV. 0
More results

Similar Description - ADV7162

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV473 AD-ADV473 Datasheet
200Kb / 12P
CMOS 135 MHz True-Color Graphics Triple 8-Bit Video RAM-DAC
REV.A
ADV7150 AD-ADV7150 Datasheet
447Kb / 36P
CMOS 220 MHz True-Color Graphics Triple 10-Bit Video RAM-DAC
REV.A
ADV7151 AD-ADV7151 Datasheet
1Mb / 32P
CMOS 220 MHz Pseudo-Color Graphics Triple 10-Bit Video RAM-DAC
ADV7152 AD-ADV7152 Datasheet
454Kb / 32P
CMOS 220 MHz True-Color Graphics Triple 10-Bit Video RAM-DAC
REV.B
ADV7152 AD-ADV7152_15 Datasheet
335Kb / 32P
CMOS 220 MHz True-Color Graphics Triple 10-Bit Video RAM-DAC
REV. B
ADV7151 AD-ADV7151_15 Datasheet
1Mb / 32P
CMOS 220 MHZ PSEUDO COLOR GRAPHICS TRIPLE 10 BIT VIDEO RAM DAC
REV. A
ADV473 AD-ADV473_15 Datasheet
204Kb / 12P
CMOS 135 MHz True-Color Graphics Triple 8-Bit Video RAM-DAC
REV. A
ADV7129 AD-ADV7129_15 Datasheet
392Kb / 20P
192-Bit, 360 MHz True-Color Video DAC with Onboard PLL
REV. 0
ADV7160 AD-ADV7160_15 Datasheet
669Kb / 44P
96-Bit, 220 MHz True-Color Video RAM-DAC
REV. 0
ADV7162 AD-ADV7162_15 Datasheet
669Kb / 44P
96-Bit, 220 MHz True-Color Video RAM-DAC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com